Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS2102 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2102
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2102 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2102 Datasheet HTML 1Page - Texas Instruments TPS2102 Datasheet HTML 2Page - Texas Instruments TPS2102 Datasheet HTML 3Page - Texas Instruments TPS2102 Datasheet HTML 4Page - Texas Instruments TPS2102 Datasheet HTML 5Page - Texas Instruments TPS2102 Datasheet HTML 6Page - Texas Instruments TPS2102 Datasheet HTML 7Page - Texas Instruments TPS2102 Datasheet HTML 8Page - Texas Instruments TPS2102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TPS2102, TPS2103
VAUX POWER-DISTRIBUTION SWITCHES
SLVS234A – SEPTEMBER 1999 – REVISED APRIL 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Selection Guide, VAUX Power-Distribution Switches
DEVICE
ENABLE
OPERATING
VOLTAGE RANGE
(V)
MAXIMUM INPUT
CURRENT, IN1
(mA)
MAXIMUM INPUT
CURRENT, IN2
(mA)
AMBIENT
TEMPERATURE RANGE
(
°C)
TPS2100
EN
2.7 to 4
500
10
– 40 to 70
TPS2101
EN
2.7 to 4
500
10
– 40 to 70
TPS2102
EN
2.7 to 4
500
100
– 40 to 70
TPS2103
EN
2.7 to 4
500
100
– 40 to 70
TPS2104
EN
2.7 to 5.5
500
100
– 40 to 85
TPS2105
EN
2.7 to 5.5
500
100
– 40 to 85
AVAILABLE OPTIONS FOR TPS2102, TPS2103
PACKAGED DEVICES
TA
DEVICE
ENABLE
SOT-23-5
(DBV)†
SOIC-8
(D)
40
°C to 70°C
TPS2102
EN
TSP2102DBV†
TPS2102D
– 40
°C to 70°C
TPS2103
EN
TPS2103DBV†
TPS2103D
Both packages are available left-end taped and reeled. Add an R suffix to the D device type
(e.g., TPS2103DR).
† Add T (e.g., TPS2102DBVT) to indicate tape and reel at order quantity of 250 parts.
Add R (e.g., TPS2102DBVR) to indicate tape and reel at order quantity of 3000 parts.
Function Tables
TPS2102
TPS2103
VIN1
VIN2
EN
OUT
VIN1
VIN2
EN
OUT
0 V
0 V
XX
GND
0 V
0 V
XX
GND
0 V
3.3 V
L
GND
0 V
3.3 V
H
GND
3.3 V
0 V
L
VIN1
3.3 V
0 V
H
VIN1
3.3 V
3.3 V
L
VIN1
3.3 V
3.3 V
H
VIN1
0 V
3.3 V
H
VIN2
0 V
3.3 V
L
VIN2
3.3 V
0 V
H
VIN2
3.3 V
0 V
L
VIN2
3.3 V
3.3 V
H
VIN2
3.3 V
3.3 V
L
VIN2
XX = don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com