Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PO49FCT3805B Datasheet(PDF) 6 Page - Potato Semiconductor Corporation

Part # PO49FCT3805B
Description  3.3V Dual 1:5 CMOS Clock Buffered Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT3805B Datasheet(HTML) 6 Page - Potato Semiconductor Corporation

  PO49FCT3805B Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT3805B Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT3805B Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT3805B Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT3805B Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT3805B Datasheet HTML 6Page - Potato Semiconductor Corporation PO49FCT3805B Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Packaging Mechanical Drawing: 20 pin SSOP
08/01/06
3.3V Dual 1:5 CMOS Clock Buffered Driver
Copyright © Potato Semiconductor Corporation
6
PO49FCT3805B
800MHz TTL/CMOS Potato Chip
.272
.295
.078
.002
SEATING
PLANE
.0098
Max.
.0256
BSC
1
20
.197
.220
0.25
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.050
5.00
5.60
2.00
6.90
7.50
0.65
Max
Min
.022
.037
.004
.009
.291
.322
7.40
8.20
0.55
0.95
0.09
0.25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com