Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PO49FCT3805B Datasheet(PDF) 7 Page - Potato Semiconductor Corporation

Part # PO49FCT3805B
Description  3.3V Dual 1:5 CMOS Clock Buffered Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT3805B Datasheet(HTML) 7 Page - Potato Semiconductor Corporation

  PO49FCT3805B Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT3805B Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT3805B Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT3805B Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT3805B Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT3805B Datasheet HTML 6Page - Potato Semiconductor Corporation PO49FCT3805B Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
08/01/06
3.3V Dual 1:5 CMOS Clock Buffered Driver
Copyright © Potato Semiconductor Corporation
7
PO49FCT3805B
800MHz TTL/CMOS Potato Chip
Ordering Information
Top-Marking
Ordering Code
Package
20pin SOIC
Tube
Pb-free & Green
20pin SOIC
Tape and reel
Pb-free & Green
PO49FCT3805BCU
PO49FCT3805BCR
PO49FCT3805BC
PO49FCT3805BC
-40°C to 85°C
-40°C to 85°C
20-pin QSOP
Tube
Pb-free & Green
20-pin QSOP
Tape and reel
Pb-free & Green
PO49FCT3805BQU
PO49FCT3805BQR
PO49FCT3805BQ
PO49FCT3805BQ
-40°C to 85°C
-40°C to 85°C
20-pin SSOP
Tube
Pb-free & Green
20-pin SSOP
Tape and reel
Pb-free & Green
PO49FCT3805BSU
PO49FCT3805BSR
PO49FCT3805BS
PO49FCT3805BS
-40°C to 85°C
-40°C to 85°C
TA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com