Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PEP01-5841 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PEP01-5841
Description  Power over ethernet power supply protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PEP01-5841 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PEP01-5841 Datasheet HTML 2Page - STMicroelectronics PEP01-5841 Datasheet HTML 3Page - STMicroelectronics PEP01-5841 Datasheet HTML 4Page - STMicroelectronics PEP01-5841 Datasheet HTML 5Page - STMicroelectronics PEP01-5841 Datasheet HTML 6Page - STMicroelectronics PEP01-5841 Datasheet HTML 7Page - STMicroelectronics PEP01-5841 Datasheet HTML 8Page - STMicroelectronics PEP01-5841 Datasheet HTML 9Page - STMicroelectronics PEP01-5841 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PEP01-5841
Ordering information scheme
Doc ID 15657 Rev 2
7/10
3
Ordering information scheme
Figure 12.
Ordering information scheme
PEP
01
-
58
4
1
Power over ethernet protection
1 = SO-8
Packaging
Number of power supply lines to be protected
58 = 58 V
Stand off voltage
Version



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com