Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PEP01-5841 Datasheet(PDF) 3 Page - STMicroelectronics

Part # PEP01-5841
Description  Power over ethernet power supply protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PEP01-5841 Datasheet(HTML) 3 Page - STMicroelectronics

  PEP01-5841 Datasheet HTML 1Page - STMicroelectronics PEP01-5841 Datasheet HTML 2Page - STMicroelectronics PEP01-5841 Datasheet HTML 3Page - STMicroelectronics PEP01-5841 Datasheet HTML 4Page - STMicroelectronics PEP01-5841 Datasheet HTML 5Page - STMicroelectronics PEP01-5841 Datasheet HTML 6Page - STMicroelectronics PEP01-5841 Datasheet HTML 7Page - STMicroelectronics PEP01-5841 Datasheet HTML 8Page - STMicroelectronics PEP01-5841 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PEP01-5841
Characteristics
Doc ID 15657 Rev 2
3/10
Figure 2.
Pulse waveform
100
50
% I
PP
tr
0
t
Repetitive peak pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
tp
Figure 3.
Peak power dissipation versus
initial junction temperature
Figure 4.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
175
Tj(°
Tj (°C)
Ppp[Tj initial] / Ppp [Tj initial = 25°C]
0.1
1.0
10.0
100.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
PPP (kW)
Tj initial = 25 °C
tp (ms)
Figure 5.
Clamping voltage versus peak
pulse current (exponential
waveform, maximum values)
Figure 6.
Capacitance versus voltage
(typical values)
0.1
1.0
10.0
100.0
70
80
90
100
8/20 µs
Tj initial = 25 °C
IPP (A)
VCL (V)
10
100
44
46
48
50
52
54
56
58
VR (V)
C(pF)
F=1 MHz
VOSC =30 mV rms
Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com