Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TK10651 Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK10651
Description  LOW VOLTAGE COMPANDOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK10651 Datasheet(HTML) 5 Page - TOKO, Inc

  TK10651 Datasheet HTML 1Page - TOKO, Inc TK10651 Datasheet HTML 2Page - TOKO, Inc TK10651 Datasheet HTML 3Page - TOKO, Inc TK10651 Datasheet HTML 4Page - TOKO, Inc TK10651 Datasheet HTML 5Page - TOKO, Inc TK10651 Datasheet HTML 6Page - TOKO, Inc TK10651 Datasheet HTML 7Page - TOKO, Inc TK10651 Datasheet HTML 8Page - TOKO, Inc TK10651 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
January 2000 TOKO, Inc.
Page 5
TK10651
TYPICAL PERFORMANCE CHARACTERISTICS
DC CHARACTERISTICS
OUTPUT REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
5
VCC (V)
-2
23
4
6
7
8
2
1
0
-1
fIN = 1.0 kHz
0
OUTPUT VOLTAGE vs.
INPUT VOLTAGE
-80
VIN (dB)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
-70
-60 -50
-40
-30 -20 -10
100 mV(rms)
30 mV(rms)
REFERENCE
LEVEL
VCC = 3.0 V
fIN = 1.0 kHz
REFERENCE VOLTAGE vs.
SUPPLY VOLTAGE
5
VCC (V)
1.4
1.5
23
4
6
7
8
1.48
1.46
1.44
1.42
SUPPLY CURRENT vs. SUPPLY
VOLTAGE
5
VCC (V)
2
23
4
6
7
8
6
5
4
3
NO SIGNAL
REFERENCE VOLTAGE vs.
AMBIENT TEMPERATURE
20
TA (°C )
1.4
1.5
-40 -20
0
40
60
80
1.48
1.46
1.44
1.42
100
VCC = 3.0 V
SUPPLY CURRENT vs. AMBIENT
TEMPERATURE
20
TA (°C )
2
-40 -20
0
40
60
80
6
5
4
3
100
VCC = 3.0 V
NO SIGNAL
EXPANDER AC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com