Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TK10651 Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK10651
Description  LOW VOLTAGE COMPANDOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK10651 Datasheet(HTML) 6 Page - TOKO, Inc

Back Button TK10651 Datasheet HTML 2Page - TOKO, Inc TK10651 Datasheet HTML 3Page - TOKO, Inc TK10651 Datasheet HTML 4Page - TOKO, Inc TK10651 Datasheet HTML 5Page - TOKO, Inc TK10651 Datasheet HTML 6Page - TOKO, Inc TK10651 Datasheet HTML 7Page - TOKO, Inc TK10651 Datasheet HTML 8Page - TOKO, Inc TK10651 Datasheet HTML 9Page - TOKO, Inc TK10651 Datasheet HTML 10Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Page 6
January 2000 TOKO, Inc.
TK10651
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
EXPANDER AC CHARACTERISTICS (CONT.)
OUTPUT REFERENCE VOLTAGE
vs. AMBIENT TEMPERATURE
20
TA (°C )
-2
-40 -20
0
40
60
80
2
1
0
-1
100
VCC = 3.0 V
fIN = 1.0 kHz
DISTORTION vs.
INPUT VOLTAGE
-50
-45
-40
-35
VIN (dB)
0.1
0.2
1
5
0.5
2
10
-30
-25
-20
REFERENCE
LEVEL
VCC = 3.0 V
fIN = 1.0 kHz
COMPRESSOR AC CHARACTERISTICS
INPUT REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
5
VCC (V)
-2
23
4
6
7
8
2
1
0
-1
fIN = 1.0 kHz
INPUT REFERENCE VOLTAGE
vs. AMBIENT TEMPERATURE
20
TA (°C )
-2
-40 -20
0
40
60
80
2
1
0
-1
100
VCC = 3.0 V
fIN = 1.0 kHz
0
OUTPUT VOLTAGE vs.
INPUT VOLTAGE
-120
VIN (dB)
-70
-60
-50
-40
-30
-20
-10
-100
-80
-60
-40
-20
300 mv(rms)
10 mV(rms)
REFERENCE
LEVEL
VCC = 3.0 V
fIN = 1.0 kHz
DISTORTION vs.
INPUT VOLTAGE
-70 -65
-55 -50
VIN (dB)
.1
.2
1
5
.5
2
10
-45
-35 -30
-60
-40
REFERENCE LEVEL
VCC = 3.0 V
fIN = 1.0 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com