Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC9696P Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC9696P
Description  CD SERVO CONTROLLER WITH MCU
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9696P Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC9696P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SC9696P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.02.26
Http: www.silan.com.cn
Page 3 of 21
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Input Current Of Central
Diode C
IDC
0
9
μA
Input Current Of Central
Diode D
IDD
0
9
μA
Input Current Of Satellite
Diode F
IRF
0
4.5
uA
Input Current Of Satellite
Diode E
IRE
0
4.5
μA
Low-level Output Current
at PA Port.
IOL(A)
10
mA
High-level Output
Current at PA Port.
IOH(A)
5
mA
Low-level Output Current
at PB Port.
IOL(B)
10
mA
High-level Output
Current at PB Port.
IOH(B)
5
mA
Low-level Output Current
at PC Port.
IOL(C)
10
mA
High-level Output
Current at PC Port.
IOH(C)
5
mA
Low-level Output Current
at PG Port.
IOL(G)
10
mA
High-level Output
Current at PG Port.
IOH(G)
5
mA
Low-level Output Current
at PH Port.
IOL(H)
10
mA
High-level Output
Current at PH Port.
IOH(H)
5
mA
LDON Low-level Output
Current
ILDON
0
2
mA
Load Resistance DAC
RL
Left channel is the same as
the right.
5
K
Ω
Full-Scale DAC Output
Voltage
VFS
Left channel is the same as
the right.
0.9
1.1
1.2
V
RAD Output Current
IRAD
High level is the same as the
low level.
0
1
mA
FOC Output Current
IFOC
High level is the same as the
low level.
0
1
mA
SLED Current
ISLED
High level is the same as the
low level.
0
1
mA
MOTO Output Current
IMOTO
High level is the same as the
low level.
0
5
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com