Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC9696P Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC9696P
Description  CD SERVO CONTROLLER WITH MCU
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9696P Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC9696P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9696P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SC9696P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.02.26
Http: www.silan.com.cn
Page 4 of 21
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Low Level Output Driving
Voltage
VOLDRIVE1 RAD, FOC, SELD
0
0.4
V
High Level Output
Driving Voltage
VOHDRIVE1 RAD, FOC, SELD
VDD-0.4
VDD
V
Moto Low Level Output
Voltage
VOLmoto
0
1.0
V
Moto High Level Output
Voltage
VOHmoto
VDD-1
-
VDD
V
Driving Current of high
impedance
IZODRIVE
RAD, FOC, SELD, MOTO
-10
0
+10
μA
DAC Total Harmonic
Distortion
THD
0dB 1Khz Signal Input
-
-65
-
dB
DAC output Signal to
Noise
S/N
No signal input
-
90
100
dB
0 to 19 KHz
-
-
0.001
dB
19 to 20 KHz
1
-
2
dB
24KHz
25
-
-
dB
25 to 35 KHz
40
-
-
dB
35 to 64 KHz
50
-
-
dB
64 to 68 KHz
31
-
-
dB
68KHz
35
-
-
dB
DA Filter Attenuation
Filter_DA
69 to 88KHz
40
-
-
dB
OSC Frequency
Fsystem
16.9344
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com