Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SMB139 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMB139
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB139 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMB139 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SMB139
Preliminary Information
Summit Microelectronics, Inc
2121 3.0 6/19/2008
2
GENERAL DESCRIPTION
The SMB139 is a fully programmable, linear battery
charger for single-cell Li-Ion and Li-Polymer battery
packs. The device’s simple, linear-mode operation and
ultra-small package significantly reduce component
count and required board space. The SMB139 provides
four
main
charging
phases:
trickle-charge,
pre-
conditioning (pre-charge), constant current and constant
voltage. The overall system accuracy of the SMB139 is
1%, allowing for a higher capacity utilization versus other
conventional solutions.
When a battery or an external supply is inserted and the
ENABLE input is asserted, the SMB139 performs the
pre-qualification checks before initiating a charging
cycle. The input voltage needs to be higher than the
UVLO threshold and the cell temperature needs to be
within the temperature limits for the charging cycle to
start.
As soon as the input supply is removed, the
SMB139 enters a shutdown mode, thereby saving
battery power. A programmable option also exists that
allows the user to prevent battery charging until an I
2C
command has been issued.
If the battery voltage is below 2.0V (trickle-charge to pre-
charge threshold), the device will apply a trickle-charge
current of 3mA (typical). This allows the SMB139 to
reset the protection circuit in the battery pack and bring
the
battery
voltage
to
a
higher
level
without
compromising safety.
Once the battery voltage crosses the 2.0V threshold, the
SMB139 enters the pre-charge mode.
This mode
replenishes deeply depleted cells and minimizes heat
dissipation during the initial charge cycle.
The
preconditioning current is programmable, with the default
value at C/10. If the battery voltage does not reach the
preconditioning voltage level (programmable) within a
specified amount of time (pre-charge timeout), the safety
timer expires and the charge cycle is terminated.
When the battery voltage reaches the pre-charge to fast-
charge voltage level, the SMB139 enters the constant
current (fast charge) mode. The fast charge current
level is programmable via the corresponding register.
Once the final float voltage (programmable) has been
reached, the battery charger will enter a constant voltage
mode in which the battery voltage is kept constant,
allowing the charge current to gradually taper off. The
constant-voltage charging mode will continue until the
charge current drops below the termination current
threshold, or until the fast charge timer has expires. The
termination current threshold is programmable.
After the charge cycle has terminated, the SMB139
continues to monitor the battery voltage. If the battery
voltage falls below the recharge threshold (typically
125mV
below
float
voltage),
the
SMB139
can
automatically top-off the battery.
A wide range of protection features is also included in
the SMB139. These include input and output (battery)
over-voltage protection, battery missing detector and
thermal
monitor
for
continuous
cell
temperature
monitoring and pre-qualification.
The following charging parameters can be adjusted
dynamically via the I2C interface, for optimizing battery
management real-time. These parameters can also be
programmed statically via a user-friendly GUI interface:
Battery (float) voltage
Fast charge current
Pre-conditioning voltage threshold
Pre-conditioning charge current
Termination current
Safety charge timers
Temperature window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com