Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC2F35 Datasheet(PDF) 35 Page - Megawin Technology Co., Ltd

Part # MPC2F35
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35 Datasheet(HTML) 35 Page - Megawin Technology Co., Ltd

Back Button MPC2F35 Datasheet HTML 31Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 32Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 33Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 34Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 35Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 36Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 37Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 38Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 39Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
MEGAWIN
MPC2F35_USB Data Sheet
35
Absolute Maximum Rating
PARAMETER
RATING
UNIT
Supply Voltage to Ground Potential
-0.5 to +6.0
V
Maximum current per pin excluding VDD and VSS
25
mA
Maximum current out of GND
100
mA
Maximum current out of VCC
100
mA
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +125
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of
the device.
DC Characteristics
(VDD-VSS = 5.0 V, FOSC = 6MHz, Ta = 25
° C; unless otherwise specified)
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Op. Voltage
VDD
3.0V≦V3.3≧3.6V
4.35
-
5.5
V
Op. Current
IOP
No load (Ext.-V)
In normal operation
-
12.5
20
mA
Suspend Current
ISTB
Internal 7.5KΩ with No load
-
-
500
μA
Input High Voltage
VIH
-
2
-
VDD
V
Input Low Voltage
VIL
-
0
-
0.8
V
Port 0, 1, 2, 3 drive current
IOH
VOH = 4.5V, VDD = 5.0V
-
2.5
-
mA
Port 0.4~0.7, 1, 2, 3 sink current
IOL1
VOL = 0.4V, VDD = 5.0V
-
4.0
-
mA
Port 0.0~0.3 sink current
IOL2
VOL = 3.2V, VDD = 5.0V
6
8
-
mA
Internal Pull-high Resistor
RPH
VIL = 0V
-
27K
-
Ω
AC Characteristics
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CPU Op. Frequency
FCPU
VDD = 5.0V
0.5
3
-
MHz
POR duration
TPOR
FOSC = 6 MHz
10
-
-
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com