Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASW2040 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW2040
Description  GaAs DPDT Switch DC - 2.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW2040 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW2040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW2040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW2040 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW2040 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs DPDT Switch
DC - 2.0 GHz
Rev. V3
MASW2040
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Cascadable
• Low Insertion Loss
• Low DC Power Consumption
• Low Distortion Operation (Quiet Mode)
• Useful as a Building Block for
-Digital Attenuators
-Digital Delay Lines
-Digital Phase Shifters
-Digital Switched Filter Elements
Description
M/A-COM’s MASW2040 is a GaAs MMIC DPDT
switch die. The MASW2040 is ideally suited for use
where low power consumption is required.
Typical
applications
include
transmit/receive
switching, switch matrices, and switched filter banks
in systems such as radio and cellular equipment,
PCM, GPS, fiber optic modules, and other battery
powered radio equipment.
Ordering Information
Part Number
Package
MASW2040
DIE
Pad Layout
Parameter
Absolute Maximum
Control Value (A or B)
-8.5 Vdc
Storage Temperature
-65°C to +175°C
Max Operating Temperature
+175°C
Max Input RF Power
+34 dBm
Absolute Maximum Rating
1,2
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
Die Size—Inches (mm)
0.043 x 0.037 x 0.010 (1.10 x 0.94 x 0.25)
Schematic
Bond Pad Dimensions
Bond Pad
Dimensions - Inches (mm)
RF1, RF2
0.004 x 0.007 (0.102 x0.182)
RFA1, RFB1
0.005 x 0.004 (0.133 x 0.100)
RFA2, RFB2
0.005 x 0.004 (0.133 x 0.100)
A, B, Ac, Bc
0.004 x 0.004 (0.100 x 0.100)
RFA1
RFA2
RFB1
RFB2


Similar Part No. - MASW2040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW2040 MACOM-MASW2040 Datasheet
88Kb / 2P
GaAs DPDT Switch DC - 2 GHz
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040 Datasheet
63Kb / 4P
GaAs DPDT Switch DC - 2.0 GHz
MASW2040 MA-COM-MASW2040_15 Datasheet
525Kb / 5P
GaAs DPDT Switch
More results

Similar Description - MASW2040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6030G MACOM-MASW6030G Datasheet
75Kb / 3P
GaAs DPDT Switch DC - 6.0 GHz
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS420 HW-HWS420 Datasheet
74Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
GaAs DPDT Switch DC - 6.0 GHz
MASW2040 MA-COM-MASW2040 Datasheet
63Kb / 4P
GaAs DPDT Switch DC - 2.0 GHz
logo
Vitesse Semiconductor C...
HWS420_V3 VITESSE-HWS420_V3_15 Datasheet
53Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
Hexawave, Inc
HWS499_V3 HW-HWS499_V3_15 Datasheet
60Kb / 2P
GaAs DC-4 GHz DPDT Switch
HWS465_V4 HW-HWS465_V4_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
GaAs DPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com