Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASW2040 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW2040
Description  GaAs DPDT Switch DC - 2.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW2040 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW2040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW2040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW2040 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW2040 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
GaAs DPDT Switch
DC - 2.0 GHz
Rev. V3
MASW2040
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling Precautions
Permanent damage to the MASW2040 may occur
if the following precautions are not adhered to:
A. Cleanliness - The MASW2040 should be
handled in a clean environment.
DO NOT
attempt to clean unit after the MASW2040 is
installed.
B. Static Sensitivity - All chip handling equipment
and personnel should be DC grounded.
C. Transient - Avoid instrument and power supply
transients
while
bias
is
applied
to
the
MASW2040.
Use shielded signal and bias
cables to minimize inductive pick-up.
D. Bias - Apply Voltage to either control port A or
B only when the other is grounded.
Neither
port should be allowed to “float.”
E. General Handling - It is recommended that the
MASW2040 chip be handled along the long
side of the die with a sharp pair of bent
tweezers.
DO NOT touch the surface of the
chip with fingers or tweezers.
Mounting
The MASW2040 is back-metallized with Pd/Ni/Au
(100/1,000/10,000Å) metallization.
It can be die-
mounted with AuSn eutectic performs or with
thermally conductive epoxy. The package surface
should be clean and flat before attachment.
Eutectic Die Attach:
A. A 80/20 gold/tin preform is recommended with
a work surface temperature of approximately
255°C and a tool temperature of 265°C. When
not 90/10 nitrogen/hydrogen gas is applied,
tool tip temperature should be approximately
290°C.
B. DO
NOT
expose
the
MASW2040
to
a
temperature greater than 320°C for more than
20 seconds.
No more than 3 seconds for
scrubbing should be required for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place
the MASW2040 into position. A thin epoxy fillet
should be visible around the perimeter of the
chip.
B. Cure epoxy per manufacturer’s recommended
schedule.
C. Electrically conductive epoxy may be used by
is not required.
Wire Bonding
A. Ball or wedge with 1.0 mil diameter pure gold
wire. Thermosonic wirebonding with a nominal
stage temperature of 150°C and a ball bonding
force of 40 to 50 grams or wedge bonding force
o1 18 to 22 grams is recommended. Ultrasonic
energy and time should be adjusted to the
minimum levels achieve reliable wirebonds.
B. Wirebonds should be started on the chip and
terminated on the package.
GND bonds
should be as short as possible; at least three
and no more than four bond wires from ground
pads to package are recommended.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com