Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASW4030G Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW4030G
Description  GaAs SPDT Switch DC - 4.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW4030G Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW4030G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW4030G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW4030G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW4030G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
GaAs SPDT Switch
DC - 4.0 GHz
Rev. V4
MASW4030G
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Absorbtive or Reflective
• Excellent Intermodulation Products
• Excellent Temperature Stability
• Fast Switching Speed: 3 ns Typical
• Ultra Low DC Power Consumption
• Independent Bias Control
Description
The
MASW4030G
is
an
SPDT
absorptive
or
reflective GaAs MESFET MMIC. This part combines
small
size,
low
insertion
loss
and
power
consumption with high isolation. Ideal for many
applications and module use. It will function well for
designs below 4.0 GHz.
The MASW4030G is fabricated using a mature
1-micron gate length GaAs MESFET process. The
process features full chip passivation for increased
performance and reliability.
Ordering Information
Part Number
Package
MASW4030G
DIE
Bond Pad Dimensions
Schematic
Pad Layout
G1
RF
G1
RF1
RF2
B
A
B
C
A
C
G2
G2
G1
RF
G1
RF1
RF2
B
A
B
C
A
C
G1
RF
G1
RF1
RF2
B
A
B
C
A
C
G2
G2
Control Value (A or B)
-8.5 Vdc
Max Input RF Power
+34.0 dBm
(500 MHz - 4 GHz)
Storage Temperature
-65°C to +175°C
Operating Temperature
+175°C
Parameter
Absolute Maximum
Absolute Maximum Rating
1,2
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Bond Pad
Dimensions - Inches (mm)
G1
0.004 x 0.008 (0.100 x 0.200)
RF1, RF2
0.004 x 0.008 (0.100 x 0.200)
T
0.0065 x 0.13 (0.165 x 0.330)
A, B, Ac, Bc, G2
0.004 x 0.004 (0.100 x 0.100)
RF
0.008 x 0.006 (0.200 x 0.150)
T
T
Die Size - Inches (mm)
0.042 x 0.040 x 0.010 (1.065 x 1.015 x 0.25)


Similar Part No. - MASW4030G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW4030G MACOM-MASW4030G Datasheet
162Kb / 2P
GaAs SPDT Switch DC - 4 GHz
logo
M/A-COM Technology Solu...
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G_15 Datasheet
488Kb / 5P
GaAs SPDT Switch DC - 4.0 GHz
More results

Similar Description - MASW4030G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC240 HITTITE-HMC240 Datasheet
115Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4.0 GHz
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Tyco Electronics
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
157Kb / 5P
GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100_15 Datasheet
808Kb / 6P
GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
MASW4030G MA-COM-MASW4030G_15 Datasheet
488Kb / 5P
GaAs SPDT Switch DC - 4.0 GHz
MASW4060G MA-COM-MASW4060G_15 Datasheet
517Kb / 4P
GaAs SP4T Switch DC - 4.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com