Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASW4030G Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW4030G
Description  GaAs SPDT Switch DC - 4.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW4030G Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW4030G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW4030G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW4030G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW4030G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
GaAs SPDT Switch
DC - 4.0 GHz
Rev. V4
MASW4030G
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Mounting
The MASW4030G is back-metalized with pd/ni/au (100/1,000, 10,000 Å) metallization. It can be die-mounted
with AuSn eutectic preforms or with thermally conductive epoxy. The package surface should be clean and flat
before attachment.
Eutectic Die Attach:
A. A 80/20 gold/tin preform is recommended with a work surface temperature of approximately 255°C and a
tool temperature of 265°C. When not 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be
approximately 290°C.
B. DO NOT expose the MASW4030G to a temperature greater than 320°C for more than 20 seconds. No
more than 3 seconds for scrubbing should be required for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place the MASW4030G into position. A thin epoxy fillet should be
visible around the perimeter of the chip.
B. Cure epoxy per manufacturer’s recommended schedule.
C. Electrically conductive epoxy may be used by is not required.
Wire Bonding
A. Ball or wedge with 1.0 mil diameter pure gold wire. Thermosonic wirebonding with a nominal stage
temperature of 150°C and a ball bonding force of 40 to 50 grams or wedge bonding force o1 18 to 22 grams
is recommended. Ultrasonic energy and time should be adjusted to the minimum levels achieve reliable
wirebonds.
B. Wirebonds should be started on the chip and terminated on the package. GND bonds should be as short as
possible; at least three and no more than four bond wires from ground pads to package are recommended.
Handling Precautions
Permanent damage to the MASW4030G may occur if the following precautions are not adhered to:
A. Cleaniness—MASW4030G should be handled in a clean environment. DO NOT attempt to clean unit after
the MASW3040G is installed.
B. Static Sensitivity—All chip handling equipment and personnel should be DC grounded.
C. Transient—Avoid instrument and power supply transients while bias is applied to the MASW4030G. Use
shielded signal and bias cables to minimize inductive pick-up.
D. Bias—Apply voltage to either of the complementary control ports only when the other is grounded. No port
should be allowed to “float”.
E. General Handling—It is recommended that the MASW4030G chip be handled along the long side of the die
with a sharp pair of bent tweezers. DO NOT touch the surface of the chip with fingers or tweezers.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com