Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPC8041 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPC8041
Description  Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8041 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPC8041 Datasheet HTML 1Page - Toshiba Semiconductor TPC8041 Datasheet HTML 2Page - Toshiba Semiconductor TPC8041 Datasheet HTML 3Page - Toshiba Semiconductor TPC8041 Datasheet HTML 4Page - Toshiba Semiconductor TPC8041 Datasheet HTML 5Page - Toshiba Semiconductor TPC8041 Datasheet HTML 6Page - Toshiba Semiconductor TPC8041 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC8041
2009-09-29
3
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
±100
nA
Drain cut-OFF current
IDSS
VDS = 30 V, VGS = 0 V
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
10
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.3
2.5
V
VGS = 4.5 V, ID = 6.5 A
9
13.5
Drain-source ON-resistance
RDS (ON)
VGS = 10 V, ID = 6.5 A
5.5
7
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 6.5 A
13
26
S
Input capacitance
Ciss
1270
Reverse transfer capacitance
Crss
240
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
380
pF
Rise time
tr
11
Turn-ON time
ton
20
Fall time
tf
15
Switching time
Turn-OFF time
toff
Duty
1%, tw = 10 μs
39
ns
Total gate charge
(gate-source plus gate-drain)
Qg
27
Gate-source charge 1
Qgs1
4.2
Gate-drain (“miller”) charge
Qgd
VDD 24 V, VGS = 10 V, ID = 13 A
8.2
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse
(Note 1)
IDRP
52
A
Forward voltage (diode)
VDSF
IDR = 13 A, VGS = 0 V
1.2
V
VDD 15 V
0 V
VGS
10 V
ID = 6.5 A
VOUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com