Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DM413 Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM413
Description  3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM413 Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM413 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 12
DM413
Power Dissipation
Notice that the power dissipation of a semiconductor chip is limited to its package and ambient
temperature, in which the device requires the maximum output current calculated for given
operating conditions. The maximum allowable power consumption can be calculated by the
following equation:
Pd(max)(Watt) =
Tj(junction temperature)(max)(°C)– Ta(ambient temperature)(°C)
Rth(junction-to-air thermal resistance)(°C/Watt)
The relationship between power dissipation and operating temperature can be refer to the figure
below:
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta(°C)
Based on the Pd(max), the maximum allowable voltage of output terminal can be determined by the
following equation:
Pd(max)(W)– VCC(V) × IDD(A)
VoutR × IoutR × DutyR + VoutG × IoutG × DutyG + VoutB × IoutB × DutyB <
Tj(max)=140
°C
Rth(sop16)=110.9
°C/Watt
Rth(ssop16)=115.9
°C/Watt
SOP16
SSOP16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com