Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DM413 Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # DM413
Description  3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM413 Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button DM413 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 12Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 7
DM413
Switching Characteristics (VDD = 5.0V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
CKI-to-CKO
6.0
Propagation Delay
(‘L to ‘H’)
CKO-to-DAO (SDO = ‘L’)
tpLH
7.8
CKI-to-CKO
7.0
Propagation Delay
(‘H’ to ‘L’)
CKO-to-DAO (SDO = ‘H’)
tpHL
3.6
Output Current Rise Time
tor
7.2
Output Current Fall Time
tof
17.5
ns
Output Current
(Propagation Delay after STB low)
top
*1
VIH = VDD
VIL = GND
REXs = 33
Ω
VL = 5.0 V
RL = 180
Ω
CL = 13 pF
3
ms
Switching Characteristics (VDD = 4V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
CKI-to-CKO
9.0
Propagation Delay
(‘L to ‘H’)
CKO-to-DAO (SDO = ‘L’)
tpLH
13.2
CKI-to-CKO
9.2
Propagation Delay
(‘H’ to ‘L’)
CKO-to-DAO (SDO = ‘H’)
tpHL
7.0
Output Current Rise Time
tor
32.5
Output Current Fall Time
tof
23.5
ns
Output Current
(Propagation Delay after STB low)
top
*1
VIH = VDD
VIL = GND
REXs = 33
Ω
VL = 5.0 V
RL = 180
Ω
CL = 13 pF
3
ms
OUTn
CKO
DAO
CKI
REXn
VDD
REX
CL
CL
CL
CL
RL
VL
Switching Characteristics Test Circuit
*1 Reload the new PWM data at the end of the front PWM frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com