Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E8267D Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # E8267D
Description  Vector Signal Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E8267D Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  E8267D Datasheet HTML 1Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 2Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 3Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 4Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 5Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 6Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 7Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 8Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
Operating modes
• Synthesized frequency sweep
(start/stop), (center/span), (swept CW)
• Power (amplitude) sweep (start/stop)
• Manual sweep
RPG control between start and stop frequencies
• Alternate sweep
Alternates successive sweeps between current and
stored states
Sweep span range
Settable from minimum2 to full range
Maximum sweep rate
Start frequency
Maximum sweep rate
Max span for
100 ms sweep
250 kHz to < 0.5 GHz 25 MHz/ms
2.5 GHz
0.5 to < 1 GHz
50 MHz/ms
5 GHz
1 to < 2 GHz
100 MHz/ms
10 GHz
2 to < 3.2 GHz
200 MHz/ms
20 GHz
≥ 3.2 GHz
400 MHz/ms
40 GHz
Frequency accuracy
± 0.05% of span ± timebase (at 100 ms sweep time, for
sweep spans less than maximum values given above)
Accuracy improves proportionally as sweep time increases3
Sweep time
(forward sweep, not including bandswitch and retrace inter-
vals)
Manual mode
Settable 10 ms to 200 seconds
Resolution
1 ms
Auto mode
Set to minimum value determined by maximum sweep
rate and 8757D setting
Triggering
Auto, external, single, or GPIB
Markers
10 independent continuously variable frequency markers
Display
Z-axis intensity or RF amplitude pulse
Functions
M1 to center, M1/M2 to start/stop, marker delta
Two-tone (master/slave)
measurements4
Two PSGs can synchronously track each other, with
independent control of start/stop frequencies
Network analyzer compatibility
Fully compatible with Agilent 8757D scalar
network analyzer5
Also useable with Agilent 8757A/C/E scalar network
analyzers for making basic swept measurements.6
Ramp (analog) sweep
(Option 007)
1
1. During ramp sweep operation, AM, FM, phase modulation, and pulse modulation are useable but performance is not
specified; wideband AM and I/Q modulation are not useable.
2. Minimum settable sweep span is proportional to carrier frequency and sweep time. Actual sweep span may be slightly
different than desired setting for spans less than [0.00004% of carrier frequency or 140 Hz] x [sweep time in seconds].
Actual span will always be displayed correctly.
3. Typical accuracy for sweep times > 100 ms can be calculated from the equation: [(0.005% of span)/(sweep time in seconds)]
± timebase. Accuracy is not specified for sweep times < 100 ms.
4. For master/slave operation, use Agilent part number 8120-8806 master/slave interface cable.
5. When measuring low-pass devices in AC mode, dynamic range may be reduced up to 10 dB below 3.2 GHz. An external
highpass filter may be required to remove 27 kHz pulse source feed-through (11742A 45 MHz to 26.5 GHz blocking capacitor
recommended).
6. GPIB system interface is not supported with 8757A/C/E, only with 8757D. As a result, some features of the 8757A/C/E, such as
frequency display, pass-through mode, and alternate sweep, do not function with PSG signal generators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com