Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E8267D Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # E8267D
Description  Vector Signal Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E8267D Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button E8267D Datasheet HTML 5Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 6Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 7Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 8Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 9Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 10Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 11Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 12Page - Agilent(Hewlett-Packard) E8267D Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
1. Phase noise specifications are warranted from 15 to 35 °C.
2. Measured at +10 dBm or maximum specified power, whichever is less.
Residual FM
(RMS, 50 Hz to 15 kHz bandwidth)
CW mode
< N x 8 Hz (typ)
Option UNX
< N x 4 Hz (typ)
Ramp sweep mode
< N x 1 kHz (typ)
Broadband noise
(CW mode at +10 dBm or maximum specified output
power, whichever is lower, for offsets > 10 MHz)
> 2.4 to 20 GHz
< –148 dBc/Hz (typ)
> 20 GHz
< –141 dBc/Hz (typ)
Option UNX: Absolute SSB phase noise (CW)1
Offset from carrier and Phase Noise (dBc/Hz)
Frequency
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
Spec (typ)
Spec (typ)
Spec (typ)
Spec (typ)
Spec (typ)
Spec (typ)
250 kHz to 250 MHz2
–58 (–66)
–87 (–94)
–104 (–120)
–121 (–128)
–128 (–132)
–130 (–133)
> 250 to 500 MHz2
–61 (–72)
–88 (–98)
–108 (–118)
–126 (–132)
–132 (–136)
–136 (–141)
> 500 MHz to 1 GHz2
–57 (–65)
–84 (–93)
–101 (–111)
–121 (–130)
–130 (–134)
–130 (–135)
> 1 to 2 GHz2
–51 (–58)
–79 (–86)
–96 (–106)
–115 (–124)
–124 (–129)
–124 (–129)
> 2 to 3.2 GHz
–46 (–54)
–74 (–82)
–92 (–102)
–111 (–120)
–120 (–124)
–120 (–124)
> 3.2 to 10 GHz
–37 (–44)
–65 (–72)
–81 (–92)
–101 (–109)
–110 (–114)
–110 (–115)
> 10 to 20 GHz
–31 (–38)
–59 (–66)
–75 (–87)
–95 (–106)
–104 (–107)
–104 (–109)
> 20 to 28.5 GHz
–25 (–34)
–56 (–62)
–72 (–83)
–92 (–102)
–100 (–103)
–100 (–105)
> 28.5 to 44 GHz
–20 (–30)
–51 (–58)
–68 (–77)
–88 (–97)
–96 (–99)
–96 (–101)
Option UNX: Residual SSB phase noise (CW)1
Offset from carrier and Phase Noise (dBc/Hz)
Frequency
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
Spec (typ)
Spec (typ)
Spec (typ)
Spec (typ)
Spec (typ)
Spec (typ)
250 kHz to 250 MHz2
(–94)
–100 (–107)
–110 (–118)
–120 (–126)
–128 (–132)
–130 (–133)
> 250 to 500 MHz2
(–101)
–105 (–112)
–115 (–122)
–124 (–131)
–132 (–136)
–136 (–141)
> 500 MHz to 1 GHz2
(–94)
–100 (–107)
–110 (–118)
–120 (–126)
–130 (–134)
–130 (–134)
> 1 to 2 GHz2
(–89)
–96 (–101)
–104 (–112)
–114 (–120)
–124 (–129)
–124 (–129)
> 2 to 3.2 GHz
(–85)
–92 (–97)
–100 (–108)
–110 (–116)
–120 (–124)
–120 (–124)
> 3.2 to 10 GHz
(–74)
(–87)
(–98)
(–106)
(–114)
(–115)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com