Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE722A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE722A
Description  2A PWM BUCK DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE722A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE722A
Technology
2A PWM BUCK DC-DC Converter
VER 1.2
2
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under “Recommended Operating Conditions” is not implied. Exposure to “Absolute Maximum Ratings” for extended periods may
affect device reliability.
Packaging Type
SOP-8
1
8
2
7
3
6
4
5
Pin
SOP-8
Function
1
NC
Not Connected
2
VIN
Supply Voltage Input Pin. ACE722A operates from a 4.75V to 25V DC voltage. Bypass
VIN to GND with a suitable large capacitor to eliminate noise on the input.
3
SW
Power Switch Output Pin. SW is the switch node that supplies power to the output.
4
GND
Ground Pin
5
FB
Feedback Pin. Through an external resistor divider network, FB senses the output voltage
and regulates it. To prevent current limit run away in a short circuit fault condition, the
frequency feedback comparator lowers the oscillator frequency to 40kHz when the FB
voltage is below 0.52V. The feedback threshold voltage is 0.8V.
6
COMP
Compensation Pin. This pin is the output of the error amplifier. Frequency compensation
is done at this pin by connecting a series RC to ground (parallel a C if necessary)
7
EN
Enable Pin. Drive EN pin high to turn on the device, drive it low to turn off. Default of this
pin is high level.
8
NC
Not Connected



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com