Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE722A Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE722A
Description  2A PWM BUCK DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722A Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE722A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE722A
Technology
2A PWM BUCK DC-DC Converter
VER 1.2
4
Electrical Characteristics
(Vcc=12V, VOUT=5V, TA=25℃, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
4.75
25
V
Shutdown Quiescent Current
ISHDN
VEN=0.4V
44
60
μA
Quiescent Current
IQ
VEN=2V, VFB=1.3V
1.3
2
mA
Feedback Voltage
VFB
VIN=5V to 25V
0.784
0.8
0.816
V
Feedback Bias Current
IFB
VFB=1.3V
-0.1
-0.5
μA
Switch Current Limit
ILIM
2.5
3.4
A
Oscillator Frequency
fosc
336
420
504
kHz
Frequency of Current Limit or Short
Circuit Protection
fosc1
VFB<0.52V
40
kHz
Error Amplifier Voltage Gain
GV
1000
V/V
Error Amplifier Transconductance
GS
700
μA/V
VH
1.5
V
EN Pin Threshold
VL
0.7
V
EN Pin Input Leakage Current
IEN
VEN=2.5V
-5
-10
μA
Internal PMOS ON Resistance
RDSON
VIN=12V
VFB=0.65V
VEN=12V,IOUT=2A
130
150
mΩ
Maximum Duty Cycle
DMAX
VFB=0.65V,
ISW=0.1A
100
%
Thermal Shutdown
TOTSD
155
℃
Thermal Shutdown Hysteresis
THYS
20
℃
Typical Performance Characteristics
VCC=12V, VOUT=5V, TA=25℃, unless otherwise specified
Output Current (A)
Temperature (℃)
Figure 1. Efficiency vs. Output Current
Figure 2. Operation Frequency vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com