Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7878ACPZ-RL Datasheet(PDF) 87 Page - Analog Devices

Part # ADE7878ACPZ-RL
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ-RL Datasheet(HTML) 87 Page - Analog Devices

Back Button ADE7878ACPZ-RL Datasheet HTML 83Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 84Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 85Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 86Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 87Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 88Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 89Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 90Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
ADE7878
Rev. 0| Page 87 of 92
Table 43. MMODE Register (Address 0xE700)
Bit
Location
Bit Name
Default Value
Description
1:0
PERSEL[1:0]
00
00: Phase A selected as the source of the voltage line period measurement.
01: Phase B selected as the source of the voltage line period measurement.
10: Phase C selected as the source of the voltage line period measurement.
11: reserved. When set, the ADE7878 behaves like PERSEL[1:0] = 00.
2
PEAKSEL[0]
1
PEAKSEL[2:0] bits can all be set to 1 simultaneously to allow peak detection on all three
phases simultaneously. If more than one PEAKSEL[2:0] bits are set to 1, then the peak
measurement period indicated in the PEAKCYC[7:0] register decreases accordingly because
zero crossings are detected on more than one phase.
When this bit is set to 1, Phase A is selected for the voltage and current peak registers.
3
PEAKSEL[1]
1
When this bit is set to 1, Phase B is selected for the voltage and current peak registers.
4
PEAKSEL[2]
1
When this bit is set to 1, Phase C is selected for the voltage and current peak registers.
7:5
Reserved
000
Reserved. These bits do not manage any functionality.
Table 44. ACCMODE Register (Address 0xE701)
Bit
Location
Bit Name
Default Value
Description
1:0
WATTACC[1:0]
00
00: signed accumulation mode of the total active and fundamental powers.
01: reserved. When set, the ADE7878 behaves like WATTACC[1:0] = 00.
10: reserved. When set, the ADE7878 behaves like WATTACC[1:0] = 00.
11: absolute accumulation mode of the total active and fundamental powers.
3:2
VARACC[1:0]
00
00: signed accumulation of the total reactive and fundamental powers.
01: reserved. When set, the ADE7878 behaves like VARACC[1:0] = 00.
10: the total reactive and fundamental powers are accumulated, depending on the sign of
the total active and fundamental power: if the active power is positive, the reactive power is
accumulated as is, whereas if the active power is negative, the reactive power is
accumulated with reversed sign.
11: reserved. When set, theADE7878 behaves like VARACC[1:0] = 00.
5:4
CONSEL[1:0]
00
These bits select the inputs to the energy accumulation registers. IA’, IB’, and IC’ are IA, IB, and
IC shifted respectively by −90°. See Table 45.
00: 3-phase four wires with three voltage sensors.
01: 3-phase three wires delta connection.
10: 3-phase four wires with two voltage sensors.
11: 3-phase four wires delta connection.
6
REVAPSEL
0
0: the total active power on each phase is used to trigger a bit in the STATUS0[31:0] register
as follows: on Phase A, triggers Bit 6 (REVAPA); on Phase B, triggers Bit 7 (REVAPB); and on
Phase C, triggers Bit 8 (REVAPC).
1: the fundamental active power on each phase is used to trigger a bit in the STATUS0[31:0]
register as follows: on Phase A triggers Bit 6 (REVAPA), on Phase B triggers Bit 7 (REVAPB), and
on Phase C triggers Bit 8 (REVAPC).
7
REVRPSEL
0
0: the total active power on each phase is used to trigger a bit in the STATUS0[31:0] register
as follows: on Phase A, triggers Bit 10 (REVRPA); on Phase B, triggers Bit 11 (REVRPB); and on
Phase C, triggers Bit 12 (REVRPC).
1: the fundamental active power on each phase is used to trigger a bit in the STATUS0[31:0]
register as follows: on Phase A, triggers Bit 10 (REVRPA); on Phase B, triggers Bit 11 (REVRPB);
and on Phase C, triggers Bit 12 (REVRPC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com