Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7878ACPZ-RL Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7878ACPZ-RL
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ-RL Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7878ACPZ-RL Datasheet HTML 17Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 18Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 19Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 20Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 21Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 22Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 23Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 24Page - Analog Devices ADE7878ACPZ-RL Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
ADE7878
Rev. 0 | Page 21 of 92
Only a power-down or setting the RESET pin low can reset the
ADE7878 to use the I2C port. Once locked, the serial port choice is
maintained when the ADE7878 changes PSMx power modes.
Immediately after entering PSM0, theADE7878 sets all regis-
ters to their default values, including CONFIG2[7:0] and
LPOILVL[7:0].
The ADE7878 signals the end of the transition period by
triggering the IRQ1 interrupt pin low and setting Bit 15
(RSTDONE) in the STATUS1[31:0] register to 1. This bit is
0 during the transition period and becomes 1 when the tran-
sition ends. The status bit is cleared and the IRQ1 pin is returned
high by writing the STATUS1[31:0] register with the corresponding
bit set to 1. Because the RSTDONE is an unmaskable interrupt,
Bit 15 (RSTDONE) in the STATUS1[31:0] register must be
cancelled for the IRQ1 pin to return high. It is recommended
to wait until the IRQ1 pin goes low before accessing the
STATUS1[31:0] register to test the state of the RSTDONE bit.
At this point, as a good programming practice, it is also
recommended to cancel all other status flags in the
STATUS1[31:0] and STATUS0[31:0] registers by writing
the corresponding bits with 1.
Initially, the DSP is in idle mode, which means it does not
execute any instruction. This is the moment to initialize all
ADE7878 registers and then write 0x0001 into the Run[15:0]
register to start the DSP (see the Digital Signal Processor
section for details on the Run[15:0] register).
If the supply voltage, VDD, drops lower than 2 V ± 10%, the
ADE7878 enters an inactive state, which means that no
measurements and computations are executed.
HARDWARE RESET
The ADE7878 has a RESET pin. If the ADE7878 is in PSM0
mode and the RESET pin is set low, then the ADE7878 enters
the hardware reset state. The ADE7878 must be in PSM0 mode
for a hardware reset to be considered. Setting the RESET pin
low while the ADE7878 is in PSM1, PSM2, and PSM3 modes
does not have any effect.
If the ADE7878 is in PSM0 mode and the RESET pin is toggled
from high to low and then back to high after at least 10 μs, all the
registers are set to their default values, including CONFIG2[7:0]
and LPOILVL[7:0]. The ADE7878 signals the end of the transi-
tion period by triggering the IRQ1 interrupt pin low and setting
Bit 15 (RSTDONE) in the STATUS1[31:0] register to 1. This bit
is 0 during the transition period and becomes 1 when the tran-
sition ends. The status bit is cleared and the IRQ1 pin is
returned high by writing to the STATUS1[31:0] register with
the corresponding bit set to 1.
After a hardware reset, the DSP is in idle mode, which means it
does not execute any instruction.
Because the I2C port is the default serial port of theADE7878, it
becomes active after a reset state. If SPI is the port used by the
external microprocessor, the procedure to enable it must be
repeated immediately after the RESET pin is toggled back to
high (see the
section for details).
Serial Interfaces
At this point, it is recommended to initialize all of the ADE7878
registers and then write 0x0001 into the Run[15:0] register to
start the DSP. See the Digital Signal Processor section for details
on the Run[15:0] register.
SOFTWARE RESET FUNCTIONALITY
Bit 7 (SWRST) in the CONFIG[15:0] register manages the soft-
ware reset functionality in PSM0 mode. The default value of this
bit is 0. If this bit is set to 1, then the ADE7878 enters a software
reset state. In this state, almost all internal registers are set to
their default values. In addition, the choice of what serial port,
I2C or SPI, is in use remains unchanged if the lock-in procedure
has been previously executed (see the Serial Interfaces for details).
The registers that maintain their values despite the SWRST bit
being set to 1 are CONFIG2[7:0] and LPOILVL[7:0]. When the
software reset ends, Bit 7 (SWRST) in CONFIG[15:0] is cleared
to 0, the IRQ1 interrupt pin is set low, and Bit 15 (RSTDONE)
in the STATUS1[31:0] register is set to 1. This bit is 0 during the
transition period and becomes 1 when the transition ends. The
status bit is cleared and the IRQ1 pin is set back high by writing to
the STATUS1[31:0] register with the corresponding bit set to 1.
After a software reset ends, the DSP is in idle mode, which
means it does not execute any instruction. It is recommended
to initialize all the ADE7878 registers and then write 0x0001
into the Run[15:0] register to start the DSP (see the Digital
Signal Processor section for details on the Run[15:0] register).
Software reset functionality is not available in PSM1, PSM2, or
PSM3 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com