Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPD3890S Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD3890S
Description  12 A, 120 nsec, 50-400 V Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD3890S Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD3890S Datasheet HTML 1Page - Solid States Devices, Inc SPD3890S Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
SPD __ __
└ Screening
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
└ Voltage
3889 = 50V
3890 = 100V
3891 = 200V
3892 = 300V
3893 = 400V
SPD3889
Thru
SPD3893
12 A, 120 nsec, 50-400 V
Fast Recovery Rectifier
Features:
Fast Recovery: 120nsec Maximum
Higher Voltage Devices Available
Low Reverse Leakage Current
Single Chip Construction
PIV to 400 Volts
Hermetically Sealed
High Surge Rating
Low Thermal Resistance
For Reverse Polarity add suffix “R”
TX, TXV, and Space Level Screening
Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage @ 100µA
SPD3889
SPD3890
SPD3891
SPD3892
SPD3893
VRRM
VRWM
VR
50
100
200
300
400
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25 °C)
Io
12
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
200
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +150
ºC
Maximum Thermal Resistance
(Junction to Case)
RθJC
2.5
ºC/W
DO-4
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RF0007B
DOC


Similar Part No. - SPD3890S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD3899 SSDI-SPD3899 Datasheet
75Kb / 2P
20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
More results

Similar Description - SPD3890S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
SPD6627 SSDI-SPD6627 Datasheet
99Kb / 2P
4 AMPS, 400 thru 600 VOLTS 30 nsec HYPER FAST RECOVERY RECTIFIER
1N3909 SSDI-1N3909 Datasheet
101Kb / 2P
30A, 200nsec, 50-400 V Fast Recovery Rectifier
SHF1304 SSDI-SHF1304 Datasheet
138Kb / 2P
3 AMP, 400 - 800 Volts 40 - 50 nsec, Hyper Fast Rectifier
SDR4GSMS SSDI-SDR4GSMS Datasheet
217Kb / 2P
3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
SPD3909 SSDI-SPD3909 Datasheet
75Kb / 2P
30A, 200nsec, 50-400 V Fast Recovery Rectifier
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
SPD3899 SSDI-SPD3899 Datasheet
75Kb / 2P
20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
logo
STMicroelectronics
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
logo
ON Semiconductor
MURS230 ONSEMI-MURS230 Datasheet
131Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 2 A, 300-400 V
April, 2023 - Rev. 10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com