Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PD69012 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # PD69012
Description  12 Ports Power Over Ethernet Manager
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69012 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button PD69012 Datasheet HTML 4Page - Microsemi Corporation PD69012 Datasheet HTML 5Page - Microsemi Corporation PD69012 Datasheet HTML 6Page - Microsemi Corporation PD69012 Datasheet HTML 7Page - Microsemi Corporation PD69012 Datasheet HTML 8Page - Microsemi Corporation PD69012 Datasheet HTML 9Page - Microsemi Corporation PD69012 Datasheet HTML 10Page - Microsemi Corporation PD69012 Datasheet HTML 11Page - Microsemi Corporation PD69012 Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PD69012 - 12 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
Page 8
Copyright
© 2009
Rev. 1.0, 2009-03-03
PIN NAME:
VPORT_POSx
VPORT_NEGx
PAD TYPE:
High Voltage Analog Pad
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Operating Voltage (to GND)
0
62
V
PIN NAME:
VMAIN
PAD TYPE:
High Voltage Supply Pad
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Operating Voltage
44
57
V
VMAIN Current Consumption
13.6
16
mA
Total on VMAIN
PIN NAME:
CP_OUT
PAD TYPE:
Analog
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Operating Voltage
44
68
V
Pin Internal Current
Consumption
5
mA
PIN NAME:
CP_IN
PAD TYPE:
Analog
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Operating Voltage
34
57
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com