Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PD69012 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD69012
Description  12 Ports Power Over Ethernet Manager
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69012 Datasheet(HTML) 1 Page - Microsemi Corporation

  PD69012 Datasheet HTML 1Page - Microsemi Corporation PD69012 Datasheet HTML 2Page - Microsemi Corporation PD69012 Datasheet HTML 3Page - Microsemi Corporation PD69012 Datasheet HTML 4Page - Microsemi Corporation PD69012 Datasheet HTML 5Page - Microsemi Corporation PD69012 Datasheet HTML 6Page - Microsemi Corporation PD69012 Datasheet HTML 7Page - Microsemi Corporation PD69012 Datasheet HTML 8Page - Microsemi Corporation PD69012 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PD69012 - 12 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
page 1
Copyright
© 2009
Rev. 1.0, 2009-03-03
Description _________________
Microsemi’s PD69012 Power over Ethernet (PoE)
Manager chip integrates power, analog and state of
the art embedded core logic into a single 80-pin,
plastic QFP package. The device is used in Ethernet
switches and Midspans to enable network devices to
share power and data over the same cable.
PD69012 device is a 12-port, mixed-signal, high-
voltage Power over Ethernet driver. It enables
detection of IEEE802.3af-2003 compliant PDs
(Powered Devices) and IEEE802.3AT High Power
Devices, thus, ensuring safe power feeding and
disconnection of ports. With full digital control via a
serial communication interface and a minimum of
external components, the device integrates into multi-
port and highly populated Ethernet switches and
routers.
The PD69012 executes all real time functions as
specified in the IEEE802.3af-2003 (“AF”) standard
and IEEE802.3at High Power (“AT”) functionality,
including load detection, “AF” and “AT” classification
and port status monitoring. In addition it performs
system level activities such as: power management
and MIB support for system management. The PoE
device is designed to detect and disable
disconnected ports utilizing both DC and AC
disconnection methods, as specified in the
IEEE 802.3af-2003 standard.
The PD69012 is designed to support 2 main
configurations:
• Auto mode: For Basic ”AF” and “AT” PSE
equipment
• Enhanced mode: For High End, Extended
features set of AF and AT PSE equipment
Pin Configuration _____________
I2CINI
Vcc2p5
QGND
Ext_reg
ASIC_INI
ADC2p5
Iref
Reset_n
SDA_out
SCL
SCK
SDA
LSD
LSC
Disable_ports_n
CS_EEPROM_n/ LSL /
Interrupt_n
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
Vmain
PowerGood0/GPIO0
PowerGood1/GPIO1
Ref_port_neg
CP_OUT
PowerGood2/GPIO4
CP_IN
Vport_pos0
Vport_pos1
Vport_pos2
Vport_pos3
Vport_pos4
Vport_pos5
Vport_pos6
Vport_pos7
Vport_pos8
Vport_pos9
Vport_pos10
Vport_pos11
Dgnd2
I2CINI
Vcc2p5
Qgnd
Ext_reg
ASIC_INI
ADC2p5
Iref
Reset_n
SDA_out / Test_mode
SCL
SCK
MOSI
MISO
SDA
CS_n
CS_EEPROM_n/ LSL /
Interrupt_n
LSD/ GPIO2
Vperi
LSC/ GPIO3
Disable_ports_n
PD69012
Date Code
Supported Features __________
PD69012 Auto Mode Features:
Fully IEEE802.3af-2003 compliant
Designed to support IEEE802.3at including two-event
classification
Supports Pre-standard PD detection
Supports Cisco devices detection
IETF Power Ethernet MIB (RFC 3621) compliant
Single DC voltage input (44v-57v)
Wide temperature range: -40° C to +85° C
Low thermal dissipation (0.5Ω sense resistor)
Drives 12 independent 2-pairs power ports or 6
independent 4-pairs ports
Can cascade up to 8 PoE devices (96 ports)
EEPROM interface for software patching and
parameter configuration
I
2C Host interface
Supports Interrupt out pin
Dynamic Power management
Emergency power management supporting 3
Configurable Power Bank I/Os
Direct register communication
Direct LED drive
Continuous monitoring per port and system data
Parameter setting per port and per system
Power soft start algorithm
Thermal monitoring/protection
Voltage monitoring/protection
H/W disable ports input
Built in 3.3 V regulator
Internal power on reset
Enhanced SPI bus for internal communication
External EEPROM for system parameters update
SW ROM patch option
RoHS compliant
Enhanced Modes Additional Features:
I
2C or UART host interface
Serial Communication Protocol backwards compatible
with PD63000 and PDIC66000
Additional monitoring
Extended parameter setting
Port matrix for flexible PCB layout
Field upgradeable software
Emergency Power Management with 4 power
supplies
Ordering Information __________
Part number
Temperature range
Package
PART
TEMP. RANGE
PIN PACKAGE
PD69012
-40 to +85 °C
LQFP 80 pin
This datasheet refers to ICs with date code "XAA0843" or later.
Date code: See the bottom line (XAA0843) in the Pin Configuration
drawing. Where “0843" is the date code, “08” is the year (2008),
and “43” is the week.


Similar Part No. - PD69012

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD69008 MICROSEMI-PD69008 Datasheet
465Kb / 15P
8 Ports Power Over Ethernet Manager
More results

Similar Description - PD69012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
Power-Over-Ethernet Module
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
Power-Over-Ethernet Module
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
Power-Over-Ethernet Module
AG9000-S ETC2-AG9000-S Datasheet
299Kb / 14P
Power-Over-Ethernet Module
logo
Microsemi Corporation
PD64004AH MICROSEMI-PD64004AH_1 Datasheet
759Kb / 19P
4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
PD69008 MICROSEMI-PD69008 Datasheet
465Kb / 15P
8 Ports Power Over Ethernet Manager
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
Power Over Ethernet (PoE)
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
Power over Ethernet Module
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
PoE(Power over Ethernet)
logo
XP Power Limited
POE XPPOWER-POE Datasheet
164Kb / 2P
Power Over Ethernet Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com