Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS8014 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8014
Description  300mA Low-Noise LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8014 Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS8014 Datasheet HTML 2Page - Silicon Standard Corp. SS8014 Datasheet HTML 3Page - Silicon Standard Corp. SS8014 Datasheet HTML 4Page - Silicon Standard Corp. SS8014 Datasheet HTML 5Page - Silicon Standard Corp. SS8014 Datasheet HTML 6Page - Silicon Standard Corp. SS8014 Datasheet HTML 7Page - Silicon Standard Corp. SS8014 Datasheet HTML 8Page - Silicon Standard Corp. SS8014 Datasheet HTML 9Page - Silicon Standard Corp. SS8014 Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.SiliconStandard.com
6 of 10
1/12/2005 Rev.2.10
SS8014-xxG
Typical Performance Characteristics (continued)
1
10
100
1000
10000
100000
0.1
1
10
100
Bypass Capactor (nF)
Rise Time
Propagation Delay Time
SS8014-33
ILOAD =150mA
CIN=COUT=1µF
VIN=4.3V power already
VSHDN=0 to 4.3V
1
10
100
1000
0.1
1
10
100
Bypass Capacitor (nF)
Fall Time
Propagation Delay Time
SS8014-33
ILOAD =150mA
CIN=COUT=1µF
VIN=4.3V power already
VSHDN=4.3V to 0V
Power On Response Waveform
Turn-On Time vs. Bypass Capacitance
Shutdown Delay Waveform
Shutdown Delay Waveform
Turn-Off Time vs. Bypass Capacitance
Power Off Response Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com