Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS8014 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8014
Description  300mA Low-Noise LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8014 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8014 Datasheet HTML 1Page - Silicon Standard Corp. SS8014 Datasheet HTML 2Page - Silicon Standard Corp. SS8014 Datasheet HTML 3Page - Silicon Standard Corp. SS8014 Datasheet HTML 4Page - Silicon Standard Corp. SS8014 Datasheet HTML 5Page - Silicon Standard Corp. SS8014 Datasheet HTML 6Page - Silicon Standard Corp. SS8014 Datasheet HTML 7Page - Silicon Standard Corp. SS8014 Datasheet HTML 8Page - Silicon Standard Corp. SS8014 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.SiliconStandard.com
1 of 10
SS8014-xxG
300mA Low-Noise LDO Regulators
FEATURES
Ultra low output noise of 30µV (rms)
Ultra low no-load supply current of 55µA
Ultra low dropout of 70mV at 50mA load
Guaranteed 300mA output current
Over-temperature and short-circuit protection
Fixed: 3.30V (SS8014-33), 3.0V (SS8014-30)
2.85V (SS8014-29), 2.80V (SS8014-28)
2.70V (SS8014-27), 2.50V (SS8014-25)
1.80V(SS8014-18), 1.50V(SS8014-15)
Max. supply current in shutdown mode < 1µA
Stable with low cost ceramic capacitors
APPLICATIONS
Notebook Computers
Cellular Phones
PDA
Hand-Held Devices
Battery-Powered Application
DESCRIPTION
The SS8014-xxG is a low supply-current, low-dropout linear
regulator that comes in a space-saving SOT23-5 package.
The supply current at no-load is 55µA. In the shutdown
mode, the maximum supply current is less than 1µA.
Operating voltage range of the SS8014 is from 2.5V to
5.5V. The over-current protection limit is set at 500mA
typical and 400mA minimum. An over-temperature pro-
tection circuit is built-in to the SS8014 to prevent thermal
overload. These power saving features make the SS8014
ideal for use in such battery-powered applications as
notebook computers, cellular phones, and PDA’s.
ORDERING INFORMATION
Part Number
Marking
Voltage
SS8014-15GTR
4Gxx
1.50V
SS8014-18GTR
4Hxx
1.80V
SS8014-25GTR
4Exx
2.50V
SS8014-27GTR
4Axx
2.70V
SS8014-28GTR
4Bxx
2.80V
SS8014-29GTR
4Fxx
2.85V
SS8014-30GTR
4Cxx
3.0V
SS8014-33GTR
4Dxx
3.30V
Pin Configuration
Typical Operating Circuit
OUT
BYP
SOT23-5
5
4
1
IN
2
3
GND
SHDN
IN
OUT
GND
SHDN
C
IN
1µF
_
BATTERY
OUTPUT
VOLTAGE
C
OUT
1µF
BYP
C
BYP
10nF
OUT
BYP
SS8014-xx
5
4
1
IN
2
3
GND
SHDN
IN
OUT
GND
SHDN
SS8014-xx
C
IN
1µF
+
_
BATTERY
OUTPUT
VOLTAGE
C
OUT
1µF
BYP
C
BYP
10nF
1/12/2005 Rev.2.10
This device is only available with Pb-free lead finish (second-level interconnect).


Similar Part No. - SS8014

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8014G SSC-SS8014G Datasheet
180Kb / 6P
150mA Low-Noise LDO Regulator
SS8014GTR SSC-SS8014GTR Datasheet
180Kb / 6P
150mA Low-Noise LDO Regulator
More results

Similar Description - SS8014

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Linear Technology
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G924 GMT-G924_15 Datasheet
111Kb / 2P
300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
300mA Low-Noise LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com