Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCSH0301 Datasheet(PDF) 11 Page - Token Electronics Industry Co., Ltd.

Part # TCSH0301
Description  TPSH SMT Low Profile Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCSH0301 Datasheet(HTML) 11 Page - Token Electronics Industry Co., Ltd.

Back Button TCSH0301 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11 of 14
TPSH0603 Low Profile Power Inductors
Version 2010
(TPSH0603) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPSH0603 - 1R0N
1.0
100
0.014
4.70
TPSH0603 - 1R2N
1.2
100
0.016
3.90
TPSH0603 - 1R8N
1.8
100
0.019
3.25
TPSH0603 - 2R2N
2.2
100
0.022
2.95
TPSH0603 - 3R3N
3.3
100
0.030
2.45
TPSH0603 - 3R9N
3.9
100
0.034
2.35
TPSH0603 - 4R7N
4.7
100
0.042
2.25
TPSH0603 - 5R6N
5.6
100
0.048
2.05
TPSH0603 - 6R8N
6.8
100
0.054
1.85
TPSH0603 - 8R2N
8.2
100
0.058
1.65
TPSH0603 - 100M
10
100
0.065
1.45
TPSH0603 - 120M
12
100
0.082
1.35
TPSH0603 - 150M
15
100
0.096
1.25
TPSH0603 - 180M
18
100
0.110
1.15
TPSH0603 - 220M
22
100
0.140
0.98
TPSH0603 - 270M
27
100
0.170
0.90
TPSH0603 - 330M
33
100
0.210
0.80
TPSH0603 - 390M
39
100
0.240
0.72
TPSH0603 - 470M
47
100
0.280
0.70
TPSH0603 - 560M
56
100
0.340
0.66
TPSH0603 - 680M
68
100
0.410
0.58
TPSH0603 - 820M
82
100
0.490
0.52
TPSH0603 - 101M
100
1
0.550
0.46
TPSH0603 - 121M
120
1
0.700
0.42
TPSH0603 - 151M
150
1
0.780
0.36
TPSH0603 - 181M
180
1
0.960
0.34
TPSH0603 - 221M
220
1
1.080
0.32
TPSH0603 - 271M
270
1
1.360
0.28
TPSH0603 - 331M
330
1
1.820
0.24
TPSH0603 - 391M
390
1
2.050
0.22
TPSH0603 - 471M
470
1
2.580
0.20
TPSH0603 - 561M
560
1
3.160
0.18
TPSH0603 - 681M
680
1
4.040
0.16
TPSH0603 - 821M
820
1
4.900
0.14
TPSH0603 - 102M
1000
1
6.000
0.13
Note: 1.0 ~ 82µH Test Freq.: 100KHz/0.25V; 100 ~ 1000µH Test Freq.: 1KHz / 0.3V.
IDC: The current when the inductance becomes 35% lower than its nominal value.(ta=20°C).
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com