Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCSH0301 Datasheet(PDF) 12 Page - Token Electronics Industry Co., Ltd.

Part # TCSH0301
Description  TPSH SMT Low Profile Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCSH0301 Datasheet(HTML) 12 Page - Token Electronics Industry Co., Ltd.

Back Button TCSH0301 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. TCSH0301 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12 of 14
TPSH06015 Low Profile Power Inductors
Version 2010
(TPSH06015) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPSH06015 - 1R0N
1.0
100
0.028
2.62
TPSH06015 - 1R5N
1.5
100
0.038
2.08
TPSH06015 - 1R8N
1.8
100
0.042
1.98
TPSH06015 - 2R2N
2.2
100
0.048
1.98
TPSH06015 - 2R7N
2.7
100
0.062
1.72
TPSH06015 - 3R3N
3.3
100
0.070
1.48
TPSH06015 - 3R9N
3.9
100
0.092
1.30
TPSH06015 - 4R7N
4.7
100
0.100
1.58
TPSH06015 - 5R6N
5.6
100
0.110
1.14
TPSH06015 - 6R8N
6.8
100
0.140
1.10
TPSH06015 - 8R2N
8.2
100
0.160
0.98
TPSH06015 - 100M
10
100
0.180
0.82
TPSH06015 - 120M
12
100
0.210
0.796
TPSH06015 - 150M
15
100
0.250
0.70
TPSH06015 - 180M
18
100
0.310
0.64
TPSH06015 - 220M
22
100
0.380
0.56
TPSH06015 - 270M
27
100
0.490
0.52
TPSH06015 - 330M
33
100
0.560
0.46
TPSH06015 - 390M
39
100
0.710
0.42
TPSH06015 - 470M
47
100
0.840
0.38
TPSH06015 - 560M
56
100
0.930
0.34
TPSH06015 - 680M
68
100
1.080
0.32
TPSH06015 - 820M
82
100
1.380
0.30
TPSH06015 - 101M
100
1
1.660
0.26
TPSH06015 - 121M
120
1
2.050
0.24
TPSH06015 - 151M
150
1
2.650
0.20
TPSH06015 - 181M
180
1
3.010
0.18
TPSH06015 - 221M
220
1
3.670
0.16
TPSH06015 - 271M
270
1
4.670
0.140
TPSH06015 - 331M
330
1
6.080
0.120
TPSH06015 - 391M
390
1
7.430
0.100
TPSH06015 - 471M
470
1
8.570
0.098
TPSH06015 - 561M
560
1
9.840
0.096
TPSH06015 - 681M
680
1
12.950
0.094
TPSH06015 - 821M
820
1
16.610
0.092
TPSH06015 - 102M
1000
1
19.110
0.090
Note: 1.0 ~ 82µH Test Freq.: 100KHz/0.25V; 100 ~ 1000µH Test Freq.: 1KHz / 0.3V.
IDC: The current when the inductance becomes 35% lower than its nominal value.(ta=20°C).
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com