Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6563S Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6563S
Description  Enhanced transition-mode PFC controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6563S Datasheet HTML 7Page - STMicroelectronics L6563S Datasheet HTML 8Page - STMicroelectronics L6563S Datasheet HTML 9Page - STMicroelectronics L6563S Datasheet HTML 10Page - STMicroelectronics L6563S Datasheet HTML 11Page - STMicroelectronics L6563S Datasheet HTML 12Page - STMicroelectronics L6563S Datasheet HTML 13Page - STMicroelectronics L6563S Datasheet HTML 14Page - STMicroelectronics L6563S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
L6563S
Electrical characteristics
Doc ID 16116 Rev 3
11/42
4
Electrical characteristics
TJ = -25 to 125 °C, VCC = 12 V, CO = 1 nF between pin GD and GND, CFF = 1 µF and
RFF = 1 MΩ between pin VFF and GND; unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
Supply voltage
Vcc
Operating range
After turn-on
10.3
22.5
V
VccOn
Turn-on threshold
(1)
11
12
13
V
VccOff
Turn-off threshold
(1)
8.7
9.5
10.3
V
Vccrestart Vcc for resuming from latch
OVP latched
5
6
7
V
Hys
Hysteresis
2.3
2.7
V
VZ
Zener voltage
Icc = 20 mA
22.5
25
28
V
Supply current
Istart-up
Start-up current
Before turn-on, Vcc = 10 V
90
150
µA
Iq
Quiescent current
After turn-on, VMULT = 1 V
4
5
mA
ICC
Operating supply current
@ 70 kHz
5
6.0
mA
Iqdis
Idle state quiescent current
VPFC_OK > VPFC_OK_S AND
VINV < VPFC_OK – VFFD
180
280
µA
VPFC_OK < VPFC_OK_D OR
VRUN < VDIS
1.5
2.2
mA
Iq
Quiescent current
VPFC_OK > VPFC_OK_S OR
VCOMP < 2.3 V
2.2
3
mA
Multiplier input
IMULT
Input bias current
VMULT = 0 to 3 V
-0.2
-1
µA
VMULT
Linear operation range
0 to 3
V
VCLAMP
Internal clamp level
IMULT = 1 mA
9
9.5
V
ΔVcs
ΔVMULT
Output max. slope
VMULT =0 to 0.4 V, VVFF = 0.8 V
VCOMP = Upper clamp
2.2
2.34
V/V
KM
Gain (2)
VMULT = 1 V, VCOMP = 4 V
0.375 0.45 0.525
1/V
Error amplifier
VINV
Voltage feedback input threshold
TJ = 25 °C
2.475
2.5
2.525
V
10.3 V < Vcc < 22.5 V (3)
2.455
2.545
Line regulation
Vcc = 10.3 V to 22.5 V
2
5
mV
IINV
Input bias current
TBO open, VINV = 0 to 4 V
-0.2
-1
µA
VINVCLAMP Internal clamp level
IINV = 1 mA
8
9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com