Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6563S Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6563S
Description  Enhanced transition-mode PFC controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563S Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6563S Datasheet HTML 13Page - STMicroelectronics L6563S Datasheet HTML 14Page - STMicroelectronics L6563S Datasheet HTML 15Page - STMicroelectronics L6563S Datasheet HTML 16Page - STMicroelectronics L6563S Datasheet HTML 17Page - STMicroelectronics L6563S Datasheet HTML 18Page - STMicroelectronics L6563S Datasheet HTML 19Page - STMicroelectronics L6563S Datasheet HTML 20Page - STMicroelectronics L6563S Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
L6563S
Typical electrical performance
Doc ID 16116 Rev 3
17/42
Figure 12.
Inductor saturation threshold vs TJ Figure 13. Vcs clamp vs TJ
 
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
 
1
1. 1
1. 2
1. 3
1. 4
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC= 12V
VCOMP =Upper clamp
Figure 14.
ZCD sink/source capability vs TJ
Figure 15.
ZCD clamp level vs TJ
 
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
V CC = 12V
Source current
Si nk curren t
 
-1
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC= 12V
Izcd =±2.5mV
Upper Clamp
Lower Cl amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com