Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8811U/2DA/1 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 46Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 47Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 48Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 49Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 50Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 51Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 52Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 53Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
50 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
Instead of using the VLCD offset pads (VOS[4:0]) the VLCD can be adjusted with the module
maker calibration setting MMVOPCAL[4:0]; see Section 18.
(4)
Where:
TCUT is a reference temperature; see Section 12.11
a is a fixed constant value; see Table 27
b is a fixed constant value; see Table 27
VOP[7:0] is the result of the conversion table
VOS[4:0]/MMVOPCAL[4:0] is the value of the offset VLCD pads or the value stored in
the OTP cells
Table 26.
Example values of VPR, VOP and VOFF for VLCD = 6 V
Register
Value in Table 28
Binary value
VPR[5:0]
15
0 1111
VOP[7:0]
100
110 0100
VOFF[2:0]
010
010
Table 27.
Parameters of VLCD for the basic and extended command set
Symbol
Value
Unit
TCUT
40
°C
b
0.03
V
a3V
V
LCD T
T
CUT
=
()
aV
OS[4:0]
V
OP[7:0]
+
() b
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com