Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8811U/2DA/1 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 50Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 51Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 52Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 53Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 54Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 55Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 56Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 57Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
54 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
12.10.2 Extended command set
The VLCD at T = TCUT is calculated using Equation 5. In the extended command set
VPR[7:0] is the same value as VOP[7:0]. It can additionally be adjusted with the VLCD offset
pads VOS[4:0] to obtain the optimum optical performance.
Instead of using the VLCD offset pads (VOS[4:0]) the VLCD can be adjusted with the module
maker calibration setting MMVOPCAL[4:0]; see Section 18.
(5)
Where:
TCUT is a reference temperature; see Section 12.11
a is a fixed constant value; see Table 27
b is a fixed constant value; see Table 27
VPR[7:0] is the programmed VOP value
VOS[4:0]/MMVOPCAL[4:0] is the value of the offset VLCD pads or the value stored in
the OTP cells
As the programming range for the internally generated VLCD allows values above the
maximum allowed VLCD (9 V) the user has to ensure while setting the VPR register and
selecting the Temperature Compensation (TC), that under all conditions and including all
tolerances the VLCD remains below 9.0 V. This is valid for the two different command sets.
12.11 Temperature control
Due to the temperature dependency of the liquid crystals’ viscosity, the LCD controlling
voltage VLCD might have to be increased at lower temperatures to maintain optimum
contrast.
V
LCD T
T
CUT
=
()
aV
OS[4:0]
V
OP[7:0]
+
() b
×
+
=
VOP[7:0] programming, (00h to FFh).
Fig 36. VLCD programming of the PCF8811
mgt847
00
01
02
a
VLCD
VOP
03
04
05
06
. . .
. . . FD FE FF
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com