Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D09892-000 Datasheet(PDF) 7 Page - Tyco Electronics

Part # D09892-000
Description  7mm Series Metal Oxide Varistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D09892-000 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button D09892-000 Datasheet HTML 2Page - Tyco Electronics D09892-000 Datasheet HTML 3Page - Tyco Electronics D09892-000 Datasheet HTML 4Page - Tyco Electronics D09892-000 Datasheet HTML 5Page - Tyco Electronics D09892-000 Datasheet HTML 6Page - Tyco Electronics D09892-000 Datasheet HTML 7Page - Tyco Electronics D09892-000 Datasheet HTML 8Page - Tyco Electronics D09892-000 Datasheet HTML 9Page - Tyco Electronics D09892-000 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ROV07, ROV07H
7mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25481
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
7 of 10
DIMENSIONS
A max.
E
C max.
B
D
15 max.
A max.
E
C max.
F
B1
D
1
l
l
KINKED LEAD TYPE
STRAIGHT LEAD TYPE (-S)
Dimension Table
Table of C max., F, and B1 max.
A max.
9.0
l ± 0.05
0.6
E ± 1.0
5.0
B max.
13.0
D1 min.
25.0
D min.
24.0
Type No.
C max.
F±0.8
B1 max.
180M
4.5
0.8
12.0
220L
4.5
0.9
12.0
270K
4.7
0.9
12.0
330K
4.7
1.0
12.0
390K
4.7
1.2
12.0
470K
5.0
1.2
12.0
560K
5.0
1.4
12.0
680K
5.5
1.7
12.0
820K
3.8
0.8
12.0
101K
3.9
0.8
12.0
121K
4.1
0.9
12.0
151K
4.5
1.2
12.0
181K
4.1
1.0
12.0
201K
4.2
1.0
12.0
221K
4.3
1.1
12.0
241K
4.4
1.3
12.0
271K
4.6
1.4
12.0
301K
4.8
1.5
12.0
331K
4.9
1.5
12.0
361K
5.1
1.9
12.0
391K
5.3
2.0
12.5
431K
6.1
2.3
12.5
471K
6.4
2.3
12.5
511K
6.6
2.5
13.0
561K
6.9
2.8
13.0
621K
7.2
3.1
13.0
681K
7.5
3.4
13.0
751K
7.9
3.7
13.0
781K
8.1
3.9
13.0
821K
8.3
4.1
13.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com