Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D09892-000 Datasheet(PDF) 4 Page - Tyco Electronics

Part # D09892-000
Description  7mm Series Metal Oxide Varistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D09892-000 Datasheet(HTML) 4 Page - Tyco Electronics

  D09892-000 Datasheet HTML 1Page - Tyco Electronics D09892-000 Datasheet HTML 2Page - Tyco Electronics D09892-000 Datasheet HTML 3Page - Tyco Electronics D09892-000 Datasheet HTML 4Page - Tyco Electronics D09892-000 Datasheet HTML 5Page - Tyco Electronics D09892-000 Datasheet HTML 6Page - Tyco Electronics D09892-000 Datasheet HTML 7Page - Tyco Electronics D09892-000 Datasheet HTML 8Page - Tyco Electronics D09892-000 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ROV07, ROV07H
7mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25481
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
4 of 10
PULSE LIFETIME RATING CURVES
V-I CHARACTERISTIC CURVES
STANDARD SERIES
STANDARD SERIES
ROV07-180M – ROV07-680K
ROV07-180M – ROV07-680K
10
10
10
10
10
10
10
10
10
10
10
10
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
20
200
2,000
300
200
100
80
60
40
20
10
8
6
4
2
1
0.8
0.6
0.4
0.2
0.1
1 Pu
lse
2
10
10 2
10 3
10 4
10 5
10 6
500
400
300
200
150
100
90
80
70
60
50
40
30
20
15
10
9
8
7
6
5
max leakage
current
max clamping
voltage
RO
V07
-68
0K
RO
V07
-56
0K
RO
V07
-47
0K
RO
V07
-39
0K
RO
V07
-33
0K
RO
V07
-27
0K
RO
V07
-22
0L
RO
V07
-18
0M
ROV07-680K
ROV07-560K
ROV07-470K
ROV07-390K
ROV07-330K
ROV07-270K
ROV07-220L
ROV07-180M
TEST CURRENT WAVEFORM
10 ~10 A : DIRECT CURRENT
10 ~10 A :
-6
-3
-1
3
8 x 20 s
g
Rectangular Wave (µs)
Current (A)
ROV07-820K – ROV07-821K
ROV07-820K – ROV07-821K
10
10
10
10
10
10
10
10
10
10
10
10
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
3.000
2.000
1.000
900
800
700
600
500
400
300
200
150
100
90
80
70
60
50
40
30
4
2
2.000
1.000
800
600
400
100
80
60
40
20
10
8
6
1
0.8
200
1 P
ulse
2
10
10 2
10 3
10 4
10 5
10 6
max leakage
current
max clamping
voltage
ROV07-431K
ROV07-391K
ROV07-361K
ROV07-221K
ROV07-201K
ROV
07-4
71K
ROV
07-2
71K
ROV
07-24
1K
ROV
07-1
51K
ROV
07-12
1K
ROV
07-1
01K
ROV
07-8
20K
TEST CURRENT WAVEFORM
10 ~10 A : DIRECT CURRENT
10 ~10 A :
-6
-3
-1
4
8 x 20 s
g
ROV07-471K
ROV07-391K
ROV07-361K
ROV07-271K
ROV07-241K
ROV07-201K
ROV07-151K
ROV07-121K
ROV07-101K
ROV07-820K
20
200
2,000
Rectangular Wave (µs)
Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com