| Electronic Components Datasheet Search |
|
PIC16F688-I/ML Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-I/ML Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 204 page ![]() PIC16F688 DS41203E-page 6 © 2009 Microchip Technology Inc. TABLE 1-1: PIC16F688 PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/AN0/C1IN+/ICSPDAT/ULPWU RA0 TTL CMOS PORTA I/O w/prog pull-up and interrupt-on-change AN0 AN — A/D Channel 0 input C1IN+ AN — Comparator 1 input ICSPDAT TTL CMOS Serial Programming Data I/O ULPWU AN — Ultra Low-Power Wake-up input RA1/AN1/C1IN-/VREF/ICSPCLK RA1 TTL CMOS PORTA I/O w/prog pull-up and interrupt-on-change AN1 AN — A/D Channel 1 input C1IN- AN — Comparator 1 input VREF AN — External Voltage Reference for A/D ICSPCLK ST — Serial Programming Clock RA2/AN2/T0CKI/INT/C1OUT RA2 ST CMOS PORTA I/O w/prog pull-up and interrupt-on-change AN2 AN — A/D Channel 2 input T0CKI ST — Timer0 clock input INT ST — External Interrupt C1OUT — CMOS Comparator 1 output RA3/MCLR/VPP RA3 TTL — PORTA input with interrupt-on-change MCLR ST — Master Clear w/internal pull-up VPP HV — Programming voltage RA4/AN3/T1G/OSC2/CLKOUT RA4 TTL CMOS PORTA I/O w/prog pull-up and interrupt-on-change AN3 AN — A/D Channel 3 input T1G ST — Timer1 gate OSC2 — XTAL Crystal/Resonator CLKOUT — CMOS FOSC/4 output RA5/T1CKI/OSC1/CLKIN RA5 TTL CMOS PORTA I/O w/prog pull-up and interrupt-on-change T1CKI ST — Timer1 clock OSC1 XTAL — Crystal/Resonator CLKIN ST — External clock input/RC oscillator connection RC0/AN4/C2IN+ RC0 TTL CMOS PORTC I/O AN4 AN — A/D Channel 4 input C2IN+ AN Comparator 2 input RC1/AN5/C2IN- RC1 TTL CMOS PORTC I/O AN5 AN — A/D Channel 5 input C2IN- AN Comparator 2 input RC2/AN6 RC2 TTL CMOS PORTC I/O AN6 AN — A/D Channel 6 input RC3/AN7 RC3 TTL CMOS PORTC I/O AN7 AN — A/D Channel 7 input RC4/C2OUT/TX/CK RC4 TTL CMOS PORTC I/O C2OUT — CMOS Comparator 2 output TX — CMOS USART asynchronous output CK ST CMOS USART asynchronous clock RC5/RX/DT RC5 TTL CMOS Port C I/O RX ST CMOS USART asynchronous input DT ST CMOS USART asynchronous data VSS VSS Power — Ground reference VDD VDD Power — Positive supply Legend: AN = Analog input or output CMOS = CMOS compatible input or output OC = Open collector output TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels HV = High Voltage XTAL = Crystal |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |