Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC12F615 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC12F615
Description  8/14-Pin, 8-Bit Flash Microcontroller Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615 Datasheet(HTML) 1 Page - Microchip Technology

  PIC12F615 Datasheet HTML 1Page - Microchip Technology PIC12F615 Datasheet HTML 2Page - Microchip Technology PIC12F615 Datasheet HTML 3Page - Microchip Technology PIC12F615 Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2005 Microchip Technology Inc.
Advance Information
DS41272B-page 1
PIC12F615/12HV615
PIC16F616/16HV616
High-Performance RISC CPU:
• Only 35 single-word instructions to learn
• All single-cycle instructions except for program
branches which are two-cycle
• Eight-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
for data and instructions
• Operating speed:
- DC – 20 MHz clock input
- DC – 200 ns instruction cycle
Special Microcontroller Features:
• Precision Internal Oscillator:
- Selectable 4 MHz or 8 MHz frequency
- Factory calibrated to ±1%
• Power-Saving Sleep mode
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Reset (BOR)
• Watchdog Timer (WDT) with dedicated on-chip
RC oscillator for reliable operation
• Multiplexed MCLR input pin with internal pull-up
• Programmable code protection
• Selectable oscillator options:
- INTOSC: Precision internal oscillator
- EXTRC: External low-cost RC oscillator
- XT: Standard crystal/resonator
- HS: High-speed crystal/resonator
- LP: Power-saving, low frequency crystal
- EC: High-speed external clock input
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit Debugging (ICD) support
• Programmable Interrupt-on-Change pins
Low-Power Features/CMOS Technology:
• Operating current:
-100
μA @ 2V, 1 MHz, typical
• Standby current:
- 1 nA @ 2V, typical
• Low-power, high-speed Flash technology:
- 100,000 Flash endurance
- > 40-year retention
• Fully static design
• Wide operating voltage range:
- 2.0V-5.5V for PIC12F615 and PIC16F616
- 2.0V – user defined maximum voltage for
PIC12HV615 and PIC16HV616
• Wide temperature range:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
Peripheral Features:
• I/O pins:
- 5 I/O pins with individual direction control
(PIC12F615, PIC12HV615)
- 11 I/O pins with individual direction control
(PIC16F616, PIC16HV616)
- 1 input only pin
- Individually selectable weak pull-ups
- High current sink/source for direct LED drive
• Analog-to-Digital (A/D) Converter:
- 10-bit resolution
- 4 external channels (PIC12F615,
PIC12HV615)
- 8 external channels (PIC16F616,
PIC16HV616)
- 3 internal channels to convert internal voltage
references
• Analog Comparator:
- One comparator (PIC12F615, PIC12HV615)
- Two comparators (PIC16F616,
PIC16HV616)
- Comparator inputs and output accessible
externally
- On-chip 0.6V absolute voltage reference
- Programmable on-chip voltage reference
(CVREF) module (% of VDD)
• Timer0 module: 8-bit timer/counter with 8-bit
programmable prescaler
• Enhanced Timer1 module:
- 16-bit timer/counter with prescaler
- External gate input
- Option to use OSC1/OSC2 input in LP mode
as Timer1 oscillator when in INTOSC mode
- Option to use system clock source as Timer1
clock input
- Timer2 module: 8-bit timer/counter with 8-bit
prescaler and postscaler
8/14-Pin, 8-Bit Flash Microcontroller Product Brief


Similar Part No. - PIC12F615

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F615 MICROCHIP-PIC12F615 Datasheet
150Kb / 2P
8-bit PIC짰 Microcontrollers with High Voltage Support and Fan Control Capabilities
2006
PIC12F615 MICROCHIP-PIC12F615 Datasheet
2Mb / 168P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
PIC12F615 MICROCHIP-PIC12F615 Datasheet
1Mb / 212P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F615 MICROCHIP-PIC12F615 Datasheet
863Kb / 20P
Adding Intelligence to Lighting Applications
Summer 2010
PIC12F615 MICROCHIP-PIC12F615 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
More results

Similar Description - PIC12F615

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
8/14-Pin, 8-Bit Flash Microcontroller
2006
PIC16F85 MICROCHIP-PIC16F85 Datasheet
69Kb / 4P
18/20 Pin, 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief
2001
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
8/14-Pin, 8-Bit Flash Microcontrollers
2007
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
8-Pin, 8-Bit Flash Microcontroller
2007
PIC16F526 MICROCHIP-PIC16F526 Datasheet
1Mb / 122P
14-Pin, 8-Bit Flash Microcontroller
2010
PIC12LF1501 MICROCHIP-PIC12LF1501 Datasheet
129Kb / 10P
8/14/20-Pin, 8-Bit Flash Microcontrollers Product Brief
2011
PIC16F194X MICROCHIP-PIC16F194X Datasheet
197Kb / 6P
64-Pin 8-Bit Flash Microcontroller Product Brief
2008
PIC12F529T39A MICROCHIP-PIC12F529T39A Datasheet
1Mb / 106P
14-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC16LF1614 MICROCHIP-PIC16LF1614 Datasheet
5Mb / 584P
14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com