Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC12F615 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC12F615
Description  8/14-Pin, 8-Bit Flash Microcontroller Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615 Datasheet(HTML) 2 Page - Microchip Technology

  PIC12F615 Datasheet HTML 1Page - Microchip Technology PIC12F615 Datasheet HTML 2Page - Microchip Technology PIC12F615 Datasheet HTML 3Page - Microchip Technology PIC12F615 Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PIC12F615/12HV615 PIC16F616/16HV616
DS41272B-page 2
Advance Information
© 2005 Microchip Technology Inc.
• Enhanced Capture Compare/PWM module
(ECCP):
- 16-bit capture maximum resolution 12.5 ns
- Compare maximum resolution 200 ns
- 10-bit PWM maximum frequency 20 kHz
- User selectable PWM output on primary or
alternate pins. (Alternate pin selection
PIC12HV615 only)
FIGURE 1:
PIN DIAGRAMS
Device
Program Memory
Data
Memory
I/O
Timers
8/16 bit
10-bit A/D
Channels
Comparators
Voltage
Regulator
Flash Words
SRAM
(bytes)
PIC12F615
1024 x 14
64
6
2/1
4
1
N
PIC16F616
2048 x 14
128
12
2/1
8
2
N
PIC12HV615
1024 x 14
64
6
2/1
4
1
Y
PIC16HV616
2048 x 14
128
12
2/1
8
2
Y
PDIP, SOIC, TSSOP, QFN
1
2
3
4
5
6
7
VDD
RA5/T1CKIN/OSC1/CLKIN
RA4/AN3/T1G/OSC2
RA3/MCLR/VPP
RC5/CCP1/P1A
RC4/C2OUT/P1B
RC3/AN7/P1C
VSS
RA0/AN0/C1IN+/ICSPDAT
RA1/AN1/C1IN-/VREF/ICSPCLK
RA2/AN2/T0CKI/INT/C1OUT
RC0/AN4/C2IN+
RC1/AN5/C2IN-
RC2/AN6/P1D
14
13
12
11
10
9
8
PDIP/SOIC
1
2
3
4
VDD
GP5/CLKIN/P1A(1)/T1CKIN/OSC1
GP4/AN3/T1G/P1B(1)/OSC2
GP3/T1G(1)/MCLR/VPP
VSS
GP0/AN0/C1IN+/P1B/ICSPDAT
GP1/AN1/C1IN-/VREF/ICSPCLK
GP2/AN2/T0CKI/INT/C1OUT/CCP1/P1A
8
7
6
5
Note
1:
Alternate pin function.
2:
Reference DIP package for complete pin descriptions.
1
2
3
4
5
6
7
RA5
RA4
RA3
RC5
RA0
RA1
RA2
RC0
14
13
12
11
10
9
8
15
16
QFN(2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com