Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8308CVMADDA Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308CVMADDA Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8308CVMADDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 1
76
Freescale Semiconductor
Clocking
21.1
System Clock Domains
The primary clock input (SYS_CLK_IN) frequency is multiplied up by the system phase-locked loop
(PLL) and the clock unit to create three major clock domains:
The coherent system bus clock (csb_clk)
The internal clock for the DDR controller (ddr_clk)
The internal clock for the local bus interface unit (lbc_clk)
The csb_clk frequency is derived as follows:
csb_clk = [SYS_CLK_IN] × SPMF
The csb_clk serves as the clock input to the e300 core. A second PLL inside the core multiplies up the
csb_clk frequency to create the internal clock for the core (core_clk). The system and core PLL multipliers
are selected by the SPMF and COREPLL fields in the reset configuration word low (RCWL), which is
loaded at power-on reset or by one of the hard-coded reset options. For more information, see the Reset
Clock Configuration chapter in the MPC8308 PowerQUICC II Pro Processor Reference Manual.
The DDR SDRAM memory controller operates with a frequency equal to twice the frequency of csb_clk.
Note that ddr_clk is not the external memory bus frequency; ddr_clk passes through the DDR clock divider
(
÷2) to create the differential DDR memory bus clock outputs (MCK and MCK). However, the data rate
is the same frequency as ddr_clk.
The local bus memory controller operates with a frequency equal to the frequency of csb_clk. Note that
lbc_clk is not the external local bus frequency; lbc_clk passes through the LBC clock divider to create the
external local bus clock outputs (LSYNC_OUT and LCLK0:2). The LBC clock divider ratio is controlled
by LCCR[CLKDIV]. For more information, see the Reset Clock Configuration chapter in the MPC8308
PowerQUICC II Pro Processor Reference Manual.
In addition, some of the internal units may be required to be shut off or operate at lower frequency than
the csb_clk frequency. These units have a default clock ratio that can be configured by a memory-mapped
register after the device comes out of reset. Table 54 specifies which units have a configurable clock
frequency. For more information, see Reset Clock Configuration chapter in the MPC8308 PowerQUICC
II Pro Processor Reference Manual.
NOTE
The clock ratios of these units must be set before they are accessed.
Table 54. Configurable Clock Units
Unit
Default Frequency
Options
eTSEC1,eTSEC2
csb_clk/3
Off,
csb_clk, csb_clk/2, csb_clk/3
I2C
csb_clk
Off,
csb_clk,csb_clk/2, csb_clk/3
DMA complex
csb_clk
Off,
csb_clk,csb_clk/2,csb_clk/3
PCIEXP
csb_clk
Off,
csb_clk, csb_clk/2, csb_clk/3
eSDHC
csb_clk
Off
, csb_clk, csb_clk/2, csb_clk/3
USB
csb_clk
Off
, csb_clk, csb_clk/2, csb_clk/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com