Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP8802H Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP8802H
Description  60V 1A LED Step-down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802H Datasheet(HTML) 2 Page - Diodes Incorporated

  AP8802H Datasheet HTML 1Page - Diodes Incorporated AP8802H Datasheet HTML 2Page - Diodes Incorporated AP8802H Datasheet HTML 3Page - Diodes Incorporated AP8802H Datasheet HTML 4Page - Diodes Incorporated AP8802H Datasheet HTML 5Page - Diodes Incorporated AP8802H Datasheet HTML 6Page - Diodes Incorporated AP8802H Datasheet HTML 7Page - Diodes Incorporated AP8802H Datasheet HTML 8Page - Diodes Incorporated AP8802H Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP8802H
60V 1A LED Step-down Converter
AP8802H
Document number: DS32227 Rev. 1 - 2
2 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Typical Application Circuit
RSET = 0.2 ohm
AP8802H
L1 = 100µH
D1
VIN
SET
SW
CTRL
GND
C1 = 2.2µF
48V
Pin Descriptions
Pin Name
Description
SW
Switch Pin. Connect inductor/freewheeling diode here, minimizing track length at this pin to
reduce EMI.
GND
GND pin
SET
Set Nominal Output Current Pin. Configure the output current of the device.
CTRL
Dimming and On/Off Control Input. Input voltage of 0.2V or lower forces the device into low
current standby mode and shuts off the output. A PWM signal allows the output current to be
adjusted above or below the level set by the resistor connected to SET input pin.
The input impedance is about 50k
Ω, and if the pin is left open V
CTRL = VREF
VIN
Input Supply Pin. Must be locally bypassed.
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com