Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP8802H Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP8802H
Description  60V 1A LED Step-down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802H Datasheet(HTML) 3 Page - Diodes Incorporated

  AP8802H Datasheet HTML 1Page - Diodes Incorporated AP8802H Datasheet HTML 2Page - Diodes Incorporated AP8802H Datasheet HTML 3Page - Diodes Incorporated AP8802H Datasheet HTML 4Page - Diodes Incorporated AP8802H Datasheet HTML 5Page - Diodes Incorporated AP8802H Datasheet HTML 6Page - Diodes Incorporated AP8802H Datasheet HTML 7Page - Diodes Incorporated AP8802H Datasheet HTML 8Page - Diodes Incorporated AP8802H Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP8802H
60V 1A LED Step-down Converter
AP8802H
Document number: DS32227 Rev. 1 - 2
3 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Functional Block Diagram
Voltage
Regulator
5V
R
CTRL
VIN
GND
SET
SW
Sensing
Block
VREF 1.25V
AP8802H
PWM/DC
Control
Figure 2: AP8802H Block Diagram
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
VIN pin Voltage
-0.3~60
V
VSW
SW Voltage
-0.3~60
V
TJ
Junction Temperature
150
°C
TLEAD
Lead Temperature Soldering
300
°C
TST
Storage Temperature Range
-65 to +150
°C
Caution:
The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be
exceeded under any condition.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Recommended Operating Conditions (Note 2)
Symbol
Parameter
Min
Max
Unit
TA
Ambient Temperature Range
-40
105
ºC
Duty Cycle
Using Inductor
≥ 100µH (Note 2)
0.1
0.95
Notes:
2. For most applications the LED current will be within 5% over the duty cycle range specified. Duty cycle accuracy is also dependent on
propagationdelay. Smaller size inductors can be used but LED current accuracy may be greater than 5% at extremes of duty cycle. This is most
noticeable at low duty cycles (less than 0.1) or when the input voltage is high and only one LED is being driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com