Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS616 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS616
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS616_08 Datasheet HTML 10Page - STMicroelectronics TS616_08 Datasheet HTML 11Page - STMicroelectronics TS616_08 Datasheet HTML 12Page - STMicroelectronics TS616_08 Datasheet HTML 13Page - STMicroelectronics TS616_08 Datasheet HTML 14Page - STMicroelectronics TS616_08 Datasheet HTML 15Page - STMicroelectronics TS616_08 Datasheet HTML 16Page - STMicroelectronics TS616_08 Datasheet HTML 17Page - STMicroelectronics TS616_08 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Electrical characteristics
TS616
14/37
Figure 32.
Slew rate vs. temperature
Figure 33.
Slew rate vs. temperature
-40
-20
0
20
40
60
80
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
Positive&Negative SR
Rfb=620
Ω
Positive&Negative SR
Rfb=910
Ω
Temperature (
°C)
AV = +4, Rfb = 910 Ω, VCC = ±6 V, RL=25 Ω
-40
-20
0
20
40
60
80
-200
-150
-100
-50
0
50
100
150
200
Positive SR
Negative SR
Temperature (
°C)
AV = +4, Rfb = 910 Ω, VCC = ±2.5 V, RL=10 Ω
Figure 34.
Iib(+) vs. temperature
Figure 35.
Iib(+) vs. temperature
-40
-20
0
2040
6080
-1
0
1
2
3
4
5
6
7
8
Vcc=±6V
Vcc=±2.5V
Temperature (
°C)
Open loop, no load
-40
-20
0
20
40
60
80
0
1
2
3
4
5
Vcc=±6V
Vcc=±2.5V
Temperature (
°C)
Open loop, no load
Figure 36.
VOH vs. temperature
Figure 37.
VOL vs. temperature
-40
-20
0
2040
6080
0
1
2
3
4
5
6
Vcc=±2.5V
Load=10
Ω
Vcc=±6vV
Load=25
Ω
Temperature (
°C)
Open loop
-40
-20
0
2040
6080
-6
-5
-4
-3
-2
-1
0
Vcc=±2.5V
Load=10
Ω
Vcc=±6V
Load=25
Ω
Temperature (
°C)
Open loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com