Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS616 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS616
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS616_08 Datasheet HTML 12Page - STMicroelectronics TS616_08 Datasheet HTML 13Page - STMicroelectronics TS616_08 Datasheet HTML 14Page - STMicroelectronics TS616_08 Datasheet HTML 15Page - STMicroelectronics TS616_08 Datasheet HTML 16Page - STMicroelectronics TS616_08 Datasheet HTML 17Page - STMicroelectronics TS616_08 Datasheet HTML 18Page - STMicroelectronics TS616_08 Datasheet HTML 19Page - STMicroelectronics TS616_08 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Safe operating area
TS616
16/37
4
Safe operating area
Figure 44 shows the safe operating zone for the TS616. The curve shows the input level vs.
the input frequency—a characteristic curve which must be considered in order to ensure a
good application design. In the dash-lined zone, the consumption increases, and this
increased consumption could do damage to the chip if the temperature increases.
Figure 44.
Safe operating area
1M
10M
100M
0
100
200
300
400
500
600
700
Vcc=+/-6V
Ta=25°C
G=12dB
R
L
=100
Ω
SAFE
OPERATING
AREA
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com