Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

6TPE330MIL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 6TPE330MIL
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

6TPE330MIL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  6TPE330MIL Datasheet HTML 1Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 2Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 3Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 4Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 5Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 6Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 7Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 8Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Pin Number
Name
Description
6, 7
VOUT
The output terminal of the internal inductor. Connect the output filter capacitor between VOUT pin and
EP.
EP
Exposed
Pad
Exposed pad is used as a thermal connection to remove heat from the device. Connect this pad to the
PC board ground plane in order to reduce thermal resistance value. EP must also provide a direct
electrical connection to the input and output capacitors ground terminals. Connect EP to pin 4.
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com