Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

6TPE330MIL Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 6TPE330MIL
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

6TPE330MIL Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button 6TPE330MIL Datasheet HTML 5Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 6Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 7Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 8Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 9Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 10Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 11Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 12Page - National Semiconductor (TI) 6TPE330MIL Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Block Diagram
30111836
General Description
The LMZ10503 SIMPLE SWITCHER® power module is a
complete, easy-to-use DC-DC solution capable of driving up
to a 3A load with exceptional power conversion efficiency,
output voltage accuracy, line and load regulation. The
LMZ10503 is available in an innovative package that en-
hances thermal performance and allows for hand or machine
soldering.
The LMZ10503 can accept an input voltage rail between
2.95V and 5.5V and deliver an adjustable and highly accurate
output voltage as low as 0.8V. One megahertz fixed frequen-
cy PWM switching provides a predictable EMI characteristic.
Two external compensation components can be adjusted to
set the fastest response time, while allowing the option to use
ceramic and/or electrolytic output capacitors. Externally pro-
grammable soft-start capacitor facilitates controlled startup.
The LMZ10503 is a reliable and robust solution with the fol-
lowing features: lossless cycle-by-cycle peak current limit to
protect for over current or short-circuit fault, thermal shut-
down, input under-voltage lock-out, and pre-biased startup.
Design Guideline And Operating
Description
Design Steps
LMZ10503 is fully supported by Webench® and offers the
following: component selection, performance, electrical, and
thermal simulations as well as the Build-It board, for a reduced
design time. On the other hand, all external components can
be calculated by following the design procedure below.
1. Determine the input voltage and output voltage. Also, make
note of the ripple voltage and voltage transient requirements.
2. Determine the necessary input and output capacitance.
3. Calculate the feedback resistor divider.
4. Select the optimized compensation component values.
5. Estimate the power dissipation and board thermal require-
ments.
6. Follow the PCB design guideline.
7. Learn about the LMZ10503 features such as enable, input
UVLO, soft-start, tracking, pre-biased startup, current limit,
and thermal shutdown.
Design Example
For this example the following application parameters exist.
•
V
IN = 5V
•
V
OUT = 2.5V
•
I
OUT = 3A
•
ΔV
OUT = 20 mVpk-pk
•
ΔV
o_tran = ±20 mVpk-pk
Input Capacitor Selection
A 22 µF or 47 µF high quality dielectric (X5R, X7R) ceramic
capacitor rated at twice the maximum input voltage is typically
sufficient. The input capacitor must be placed as close as
possible to the VIN pin and GND exposed pad to substantially
eliminate the parasitic effects of any stray inductance or re-
sistance on the PC board and supply lines.
Neglecting capacitor equivalent series resistance (ESR), the
resultant input capacitor AC ripple voltage is a triangular
waveform. The minimum input capacitance for a given peak-
to-peak value (
ΔV
IN) of VIN is specified as follows:
where the PWM duty cycle, D, is given by:
If
ΔV
IN is 1% of VIN, this equals to 50 mV and fSW = 1 MHz
9
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com