Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1051 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TJF1051
Description  High-speed CAN transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1051 Datasheet(HTML) 5 Page - NXP Semiconductors

  TJF1051 Datasheet HTML 1Page - NXP Semiconductors TJF1051 Datasheet HTML 2Page - NXP Semiconductors TJF1051 Datasheet HTML 3Page - NXP Semiconductors TJF1051 Datasheet HTML 4Page - NXP Semiconductors TJF1051 Datasheet HTML 5Page - NXP Semiconductors TJF1051 Datasheet HTML 6Page - NXP Semiconductors TJF1051 Datasheet HTML 7Page - NXP Semiconductors TJF1051 Datasheet HTML 8Page - NXP Semiconductors TJF1051 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TJF1051
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 10 August 2010
5 of 16
NXP Semiconductors
TJF1051
High-speed CAN transceiver
6.2.3 Undervoltage detection on pins VCC and VIO
Should VCC or VIO drop below their respective undervoltage detection levels (Vuvd(VCC)
and Vuvd (VIO); see Table 6), the transceiver will switch off and disengage from the bus
(zero load) until VCC and VIO have recovered.
6.2.4 Overtemperature protection
The output drivers are protected against overtemperature conditions. If the virtual junction
temperature exceeds the shutdown junction temperature, Tj(sd), the output drivers will be
disabled until the virtual junction temperature falls below Tj(sd) and TXD becomes
recessive again. Including the TXD condition ensures that output driver oscillations due to
temperature drift are avoided.
6.3 VIO supply pin
Pin VIO should be connected to the microcontroller supply voltage (see Figure 3). This
adjusts the signal levels on pins TXD, RXD and S to the I/O levels of the microcontroller.
7.
Application design-in information
8.
Limiting values
Fig 3.
Typical application of the TJF1051
S
TXD
RXD
MICRO-
CONTROLLER
Pyy
TX0
RX0
VDD
GND
GND
VCC
CANH
CANH
CANL
CANL
5 V
BAT
3 V
VIO
015aaa101
TJF1051
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are referenced to GND.
Symbol
Parameter
Conditions
Min
Max
Unit
Vx
voltage on pin x
no time limit; DC value
on pins CANH and CANL
−58
+58
V
on any other pin
−0.3
+7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com