Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1051 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TJF1051
Description  High-speed CAN transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1051 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TJF1051 Datasheet HTML 4Page - NXP Semiconductors TJF1051 Datasheet HTML 5Page - NXP Semiconductors TJF1051 Datasheet HTML 6Page - NXP Semiconductors TJF1051 Datasheet HTML 7Page - NXP Semiconductors TJF1051 Datasheet HTML 8Page - NXP Semiconductors TJF1051 Datasheet HTML 9Page - NXP Semiconductors TJF1051 Datasheet HTML 10Page - NXP Semiconductors TJF1051 Datasheet HTML 11Page - NXP Semiconductors TJF1051 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TJF1051
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 10 August 2010
8 of 16
NXP Semiconductors
TJF1051
High-speed CAN transceiver
11. Dynamic characteristics
Table 7.
Dynamic characteristics
Tamb = −40 °C to +85 °C; VCC = 4.5 V to 5.5 V; RL =60 Ω unless specified otherwise. All voltages are defined with respect to
ground. Positive currents flow into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Transceiver timing; pins CANH, CANL, TXD and RXD; see Figure 4 and Figure 5
td(TXD-busdom)
delay time from TXD to bus dominant
Normal mode
-
65
-
ns
td(TXD-busrec)
delay time from TXD to bus recessive
Normal mode
-
90
-
ns
td(busdom-RXD) delay time from bus dominant to RXD
Normal and Silent modes
-
60
-
ns
td(busrec-RXD)
delay time from bus recessive to RXD
Normal and Silent modes
-
65
-
ns
tPD(TXD-RXD)
propagation delay from TXD to RXD
2.8 V < VIO < 4.5 V
Normal mode
40
-
250
ns
4.5 V > VCC =VIO < 5.5 V
Normal mode
40
-
220
ns
tto(dom)TXD
TXD dominant time-out time
VTXD = 0 V; Normal mode
0.3
1
12
ms
Fig 4.
Timing test circuit for CAN transceiver
TJF1051
GND
VCC
S
100 nF
47
μF
+5 V
TXD
RXD
15 pF
CANL
CANH
VIO
RL
100 pF
015aaa103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com