Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2152 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2152
Description  DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2152 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2152 Datasheet HTML 4Page - RF Micro Devices RF2152 Datasheet HTML 5Page - RF Micro Devices RF2152 Datasheet HTML 6Page - RF Micro Devices RF2152 Datasheet HTML 7Page - RF Micro Devices RF2152 Datasheet HTML 8Page - RF Micro Devices RF2152 Datasheet HTML 9Page - RF Micro Devices RF2152 Datasheet HTML 10Page - RF Micro Devices RF2152 Datasheet HTML 11Page - RF Micro Devices RF2152 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
2-166
RF2152
Rev A8 001109
2
AMPS Mode
VCC = 3.0 V, VREG = 2.8 V, POUT = 30.5 dBm
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
820.0
825.0
830.0
835.0
840.0
845.0
850.0
855.0
Frequency (MHz)
T=-30 PAE
T=25 PAE
T=85 PAE
T=-30 Gain
T=25 Gain
AMPS Mode
VCC = 3.5 V, VREG = 2.8 V, POUT = 31.5 dBm
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
820.0
825.0
830.0
835.0
840.0
845.0
850.0
855.0
Frequency (MHz)
T=25 PAE
T=85 PAE
T=-30 PAE
T=-30 Gain
T=25 Gain
AMPS Mode
VCC = 5.0 V, VREG = 2.8 V, POUT = 31.5 dBm
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
820.0
825.0
830.0
835.0
840.0
845.0
850.0
855.0
Frequency (MHz)
T=85 PAE
T=25 PAE
T=-30 PAE
T=-30 Gain
T=25 Gain
Gain/PAE versus POUT
VCC = 3.5 V, VREG = 2.8 V, Freq = 836 MHz
30.4
30.6
30.8
31.0
31.2
31.4
31.6
31.8
32.0
32.2
32.4
0.0
5.0
10.0
15.0
20.0
25.0
30.0
POUT (dBm)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
GAIN
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com